Electronic Components Datasheet Search
  English  ▼

X  

TMP116 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 11Page - Texas Instruments TMP116 Datasheet HTML 12Page - Texas Instruments TMP116 Datasheet HTML 13Page - Texas Instruments TMP116 Datasheet HTML 14Page - Texas Instruments TMP116 Datasheet HTML 15Page - Texas Instruments TMP116 Datasheet HTML 16Page - Texas Instruments TMP116 Datasheet HTML 17Page - Texas Instruments TMP116 Datasheet HTML 18Page - Texas Instruments TMP116 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
High temperature limit
Low temperature limit
Temperature
Temperature conversions
HIGH_Alert Status Flag
LOW_Alert Status Flag
Configuration Register I
2C Read
ALERT pin (POL = 0)
SMBus Alert Response Command
15
TMP116, TMP116N
www.ti.com
SBOS740A – MAY 2017 – REVISED MAY 2019
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.2.1 Alert Mode
When the T/nA bit in the configuration register is set to 0, the device is in alert mode. In this mode, the device
compares the conversion result at the end of every conversion with the values in the low limit register and high
limit register. If the temperature result exceeds the value in the high limit register, the HIGH_Alert status flag in
the configuration register is set. On the other hand, if the temperature result is lower than the value in the low
limit register, the LOW_Alert status flag in the configuration register is set. As shown in Figure 23, in alert mode
the status flags can be cleared by performing an I2C read of the configuration register.
Configuring the device in alert mode also affects the behaviour of the ALERT pin. In this mode, the device
asserts the ALERT pin when either the HIGH_Alert or the LOW_Alert status flag is set as shown in Figure 23.
The ALERT pin can be deasserted by either performing an I2C read of the configuration register (which also
clears the status flags) or by performing an SMBus alert response command (see the SMBus Alert Function
section). The polarity of the ALERT pin can be changed by using the POL bit setting in the configuration register.
This mode effectively makes the device behave like a window limit detector and can be used in applications
where detecting if the temperature goes outside of the specified range is needed.
Figure 23. Alert Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com