Electronic Components Datasheet Search
  English  ▼

X  

TMP116 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 23Page - Texas Instruments TMP116 Datasheet HTML 24Page - Texas Instruments TMP116 Datasheet HTML 25Page - Texas Instruments TMP116 Datasheet HTML 26Page - Texas Instruments TMP116 Datasheet HTML 27Page - Texas Instruments TMP116 Datasheet HTML 28Page - Texas Instruments TMP116 Datasheet HTML 29Page - Texas Instruments TMP116 Datasheet HTML 30Page - Texas Instruments TMP116 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
27
TMP116, TMP116N
www.ti.com
SBOS740A – MAY 2017 – REVISED MAY 2019
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
In this mode there is no standby time in the conversion cycle.
(2)
In this mode the standby time is the difference of the value and 15.5 ms.
(3)
In this mode the standby time is the difference of the value and 125 ms.
(4)
In this mode the standby time is the difference of the value and 500 ms.
(5)
In this mode the standby time is the difference of the value and 1 s.
Table 7. Conversion Cycle Time in CC Mode
AVG[1:0] = 00
AVG[1:0] = 01
AVG[1:0] = 10
AVG[1:0] = 11
Number of averaged
samples
1
8
32
64
Active conversion time
15.5 ms
125 ms
500 ms
1 s
CONV[2:0] = 000
15.5 ms(1)
125 ms(1)
500 ms(1)
1 s(1)
CONV[2:0] = 001
125 ms(2)
125 ms(1)
500 ms(1)
1 s(1)
CONV[2:0] = 010
250 ms(2)
250 ms(3)
500 ms(1)
1 s(1)
CONV[2:0] = 011
500 ms(2)
500 ms(3)
500 ms(1)
1 s(1)
CONV[2:0] = 100
1 s(2)
1 s(3)
1 s(4)
1 s(1)
CONV[2:0] = 101
4 s(2)
4 s(3)
4 s(4)
4 s(5)
CONV[2:0] = 110
8 s(2)
8 s(3)
8 s(4)
8 s(5)
CONV[2:0] = 111
16 s(2)
16 s(3)
16 s(4)
16 s(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com