Electronic Components Datasheet Search
  English  ▼

X  

TMP116 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 20Page - Texas Instruments TMP116 Datasheet HTML 21Page - Texas Instruments TMP116 Datasheet HTML 22Page - Texas Instruments TMP116 Datasheet HTML 23Page - Texas Instruments TMP116 Datasheet HTML 24Page - Texas Instruments TMP116 Datasheet HTML 25Page - Texas Instruments TMP116 Datasheet HTML 26Page - Texas Instruments TMP116 Datasheet HTML 27Page - Texas Instruments TMP116 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
TMP116, TMP116N
SBOS740A – MAY 2017 – REVISED MAY 2019
www.ti.com
24
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
This value is stored in electrically-erasable, programmable read-only memory (EEPROM) during device manufacturing. The device reset value can be changed by writing the relevant code
in the EEPROM cells (see the EEPROM Overview section).
7.6 Registers Map
Table 3. Register Map
ADDRESS
TYPE
RESET
ACRONYM
REGISTER NAME
SECTION
00h
R
8000h
TEMP
Temperature register
Go
01h
R/W
0220h(1)
CFGR
Configuration register
Go
02h
R/W
6000h(1)
HIGH_LIM
High limit register
Go
03h
R/W
8000h(1)
LOW_LIM
Low limit register
Go
04h
R/W
0000h
EEPROM_UL
EEPROM unlock register
Go
05h
R/W
0000h(1)
EEPROM1
EEPROM1 register
Go
06h
R/W
0000h(1)
EEPROM2
EEPROM2 register
Go
07h
R/W
0000h(1)
EEPROM3
EEPROM3 register
Go
08h
R/W
0000h(1)
EEPROM4
EEPROM4 register
Go
0Fh
R
1116h
DEVICE_ID
Device ID register
Go



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com