Electronic Components Datasheet Search
  English  ▼

X  

TMP116 Datasheet(PDF) 37 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 33Page - Texas Instruments TMP116 Datasheet HTML 34Page - Texas Instruments TMP116 Datasheet HTML 35Page - Texas Instruments TMP116 Datasheet HTML 36Page - Texas Instruments TMP116 Datasheet HTML 37Page - Texas Instruments TMP116 Datasheet HTML 38Page - Texas Instruments TMP116 Datasheet HTML 39Page - Texas Instruments TMP116 Datasheet HTML 40Page - Texas Instruments TMP116 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
37
TMP116, TMP116N
www.ti.com
SBOS740A – MAY 2017 – REVISED MAY 2019
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Layout Guidelines (continued)
a standard PCB reflow oven process is highly recommended.
2. If the device is used to measure solid surface temperature:
–
Use PCB with minimal thickness.
–
Prevent PCB bending which can create a mechanical stress to package.
–
Cover bottom of the PCB with copper plane.
–
Remove bottom solder mask and cover exposed copper with gold layer if possible.
–
Use thermal conductive paste between PCB and object surface.
–
If PCB has unused internal layers, extend these layers under the sensor.
–
Minimize amount of copper wires on top of the board.
–
To minimize temperature “leakage” to surrounding air locate sensor in place with minimal air movement.
Horizontal surfaces are preferable.
–
To minimize temperature offset due to “leakage” to surrounding air cover sensor with thermo isolating
foam, tape or at least cover with a stain.
3. If the device is used to measure moving air temperature:
–
Because moving air temperature usually has a lot of fluctuations the PCB increased thermal mass
reduces measurement noise.
–
Design PCB soldering pads bigger than usual, especially package corner pads.
–
Use a PCB with thicker copper layers if possible.
–
Cover both side of unused board space with copper layer.
–
Place PCB vertically along air flow.
4. If the device is used to measure still air temperature:
–
Miniaturize the board to reduce thermal mass. Smaller thermal mass results in faster thermal response.
–
Place two copper planes of equal size to the top and bottom of the exposed pad.
–
Remove the top solder mask.
–
To prevent oxidation, cover any exposed copper with solder paste.
–
Thermal isolation is required to avoid thermal coupling from heat source components through the PCB.
–
Avoid running the copper plane underneath the temperature sensor.
–
Maximize the air gap between the sensor and the surrounding copper areas (anti-etch), especially when
close to the heat source.
–
Create a PCB cutout between sensor and other circuits. Leave a narrow channel away from heat source
components as a routing bridge into the island.
–
If the heat source is top side, avoid running traces on top; instead, route all signals on the bottom side.
–
Place the board vertically to improve air flow and to reduce dust collection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com