Electronic Components Datasheet Search
  English  ▼

X  

TMP116 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 22Page - Texas Instruments TMP116 Datasheet HTML 23Page - Texas Instruments TMP116 Datasheet HTML 24Page - Texas Instruments TMP116 Datasheet HTML 25Page - Texas Instruments TMP116 Datasheet HTML 26Page - Texas Instruments TMP116 Datasheet HTML 27Page - Texas Instruments TMP116 Datasheet HTML 28Page - Texas Instruments TMP116 Datasheet HTML 29Page - Texas Instruments TMP116 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
26
TMP116, TMP116N
SBOS740A – MAY 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
7.6.1.2 Configuration Register (address = 01h) [Factory default reset = 0220h]
(1)
The MOD1 bit cannot be stored in EEPROM. The device can only be programmed to start up in shutdown mode or continuous
conversion mode.
(2)
These bits can be stored in EEPROM. The factory setting for this register is 0220.
Figure 32. Configuration Register
15
14
13
12
11
10
9
8
HIGH_Alert
LOW_Alert
Data_Ready
EEPROM_Busy
MOD1(1)
MOD0(2)
CONV2(2)
CONV1(2)
R-0
R-0
R-0
R-0
R/W-0
R/W-0
R/W-1
R/W-0
7
6
5
4
3
2
1
0
CONV0(2)
AVG1(2)
AVG0(2)
T/nA(2)
POL(2)
DR/Alert(2)
—
—
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R-0
R-0
Table 6. Configuration Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15
HIGH_Alert
R
0
High Alert flag:
1: Set when the conversion result is higher than the high limit
0: Cleared on read of configuration register
Therm mode:
1: Set when the conversion result is higher than the therm limit
0: Cleared when the conversion result is lower than the
hysteresis
14
LOW_Alert
R
0
Low Alert flag:
1: Set when the conversion result is lower than the low limit
0: Cleared when the configuration register is read
Therm mode: Always set to 0
13
Data_Ready
R
0
Data ready flag.
This flag indicates that the conversion is complete and the
temperature register can be read. Every time the temperature
register or configuration register is read, this bit is cleared. This
bit is set at the end of the conversion when the temperature
register is updated. Data ready can be directed to the ALERT pin
by setting bit 2 of the configuration register.
12
EEPROM_Busy
R
0
EEPROM busy flag.
The value 1 of the flag indicates that the EEPROM is busy during
programming or power-up.
11:10
MOD[1:0]
R/W
0
Set Temperature conversion mode.
00: Continuous conversion (CC)
01: Shutdown (SD)
10: Continuous conversion (CC), same as 00 (reads back = 00)
11: One-shot conversion (OS)
9:7
CONV[2:0]
R/W
100
Conversion cycle bit.
See Table 7 for the standby time between conversions.
6:5
AVG[1:0]
R/W
01
Conversion averaging modes.
These bits determine the number of conversion results that are
collected and averaged before updating the temperature register.
The average is an accumulated average and not a running
average. Table 7 lists the bit settings for AVG.
4
T/nA
R/W
0
Therm/alert mode select.
1: Therm mode
0: Alert mode
3
POL
R/W
0
ALERT pin polarity bit.
1: Active high
0: Active low
2
DR/Alert
R/W
0
ALERT pin select bit.
1: ALERT pin reflects the status of the data ready flag
0: ALERT pin reflects the status of the alert flags
1:0
—
R
0
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com