Electronic Components Datasheet Search
  English  ▼

X  

TMP116 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 16Page - Texas Instruments TMP116 Datasheet HTML 17Page - Texas Instruments TMP116 Datasheet HTML 18Page - Texas Instruments TMP116 Datasheet HTML 19Page - Texas Instruments TMP116 Datasheet HTML 20Page - Texas Instruments TMP116 Datasheet HTML 21Page - Texas Instruments TMP116 Datasheet HTML 22Page - Texas Instruments TMP116 Datasheet HTML 23Page - Texas Instruments TMP116 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
20
TMP116, TMP116N
SBOS740A – MAY 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Programming (continued)
7.5.3.1.2
Serial Bus Address
To communicate with the TMP116, the master must first address slave devices through an address byte. The
address byte consists of seven address bits and a read-write (R/W) bit indicating the intent of executing a read or
write operation.
The TMP116 features an address pin to allow up to four devices to be addressed on a single bus. Table 2
describes the pin connection used to properly address up to four devices. x represents the read-write (R/W) bit.
Table 2. Address Pin and Slave Addresses
DEVICE ADDRESS
ADD0 PIN CONNECTION
1001000x
Ground
1001001x
V+
1001010x
SDA
1001011x
SCL
7.5.3.1.3
Writing and Reading Operation
Accessing a particular register on the TMP116 is accomplished by writing the register address to the pointer
register. The value for the pointer register is the first byte transferred after the slave address byte with the R/W
bit low. Every write operation to the TMP116 requires a value for the pointer register.
When reading from the TMP116, the last value stored in the pointer register by a write operation is used to
determine which register is read by a read operation. To change the register pointer for a read operation, a new
value must be written to the pointer register. This action is accomplished by issuing an address byte with the
R/W bit low, followed by the pointer register byte. No additional data are required. The master can then generate
a START condition and send the slave address byte with the R/W bit high to initiate the read command; see
Figure 28 for details of this sequence. If repeated reads from the same register are desired, continuously sending
the pointer register bytes is not necessary because the TMP116 retains the pointer register value until the value
is changed by the next write operation.
Register bytes are sent with the most significant byte first, followed by the least significant byte.
7.5.3.1.4
Slave Mode Operations
The TMP116 can operate as a slave receiver or slave transmitter. As a slave device, the TMP116 never drives
the SCL line.
7.5.3.1.4.1
Slave Receiver Mode
The first byte transmitted by the master is the slave address with the R/W bit low. The TMP116 then
acknowledges reception of a valid address. The next byte transmitted by the master is the pointer register. The
TMP116 then acknowledges reception of the pointer register byte. The next byte or bytes are written to the
register addressed by the pointer register. The TMP116 acknowledges reception of each data byte. The master
can terminate data transfer by generating a START or STOP condition.
7.5.3.1.4.2
Slave Transmitter Mode
The first byte transmitted by the master is the slave address with the R/W bit high. The slave acknowledges
reception of a valid slave address. The next byte is transmitted by the slave and is the most significant byte of
the register indicated by the pointer register. The master acknowledges reception of the data byte. The next byte
transmitted by the slave is the least significant byte. The master acknowledges reception of the data byte. The
master can terminate data transfer by generating a not-acknowledge on reception of any data byte or by
generating a START or STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com