Electronic Components Datasheet Search
  English  ▼

X  

TMP116 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 21Page - Texas Instruments TMP116 Datasheet HTML 22Page - Texas Instruments TMP116 Datasheet HTML 23Page - Texas Instruments TMP116 Datasheet HTML 24Page - Texas Instruments TMP116 Datasheet HTML 25Page - Texas Instruments TMP116 Datasheet HTML 26Page - Texas Instruments TMP116 Datasheet HTML 27Page - Texas Instruments TMP116 Datasheet HTML 28Page - Texas Instruments TMP116 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
25
TMP116, TMP116N
www.ti.com
SBOS740A – MAY 2017 – REVISED MAY 2019
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
7.6.1 Register Descriptions
Table 4. TMP116 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default value
7.6.1.1 Temperature Register (address = 00h) [default reset = 8000h]
This register is a 16-bit, read-only register that stores the output of the most recent conversion. One LSB equals
7.8125 m°C. Data are represented in binary two's complement format. Following power-up or a general-call
reset, the temperature register reads –256°C until the first conversion is complete (see the Power Up section).
Figure 31. Temperature Register
15
14
13
12
11
10
9
8
T15
T14
T13
T12
T11
T10
T9
T8
R-1
R-0
R-0
R-0
R-0
R-0
R-0
R-0
7
6
5
4
3
2
1
0
T7
T6
T5
T4
T3
T2
T1
T0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
Table 5. Temperature Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15:0
T[15:0]
R
8000h
16-bit, read-only register that stores the most recent temperature
conversion results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com