Electronic Components Datasheet Search
  English  ▼

X  

SY75608 Datasheet(PDF) 20 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 20 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 16Page - Microchip Technology SY75608 Datasheet HTML 17Page - Microchip Technology SY75608 Datasheet HTML 18Page - Microchip Technology SY75608 Datasheet HTML 19Page - Microchip Technology SY75608 Datasheet HTML 20Page - Microchip Technology SY75608 Datasheet HTML 21Page - Microchip Technology SY75608 Datasheet HTML 22Page - Microchip Technology SY75608 Datasheet HTML 23Page - Microchip Technology SY75608 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
SY75608/612
DS20006363D-page 20
2021 - 2023 Microchip Technology Inc. and its subsidiaries
4.0
FUNCTIONAL DESCRIPTION
The SY75608 and SY75612, respectively, are 2-to-8 and 2-to-12 PCIe clock buffers with ultra-low additive jitter. They
can be used in all PCIe 1/2/3/4/5/6 common clock and SRIS applications.
Each output can be enabled/disabled glitch-free via dedicated OE pins or via I2C bus.
The SY75608/612 each have an embedded low-dropout regulator (LDO) for superior power noise supply rejection. They
support 1.8V, 2.5V, and 3.3V supplies with tolerance of ±10%, which exceeds the ±9% required by PCIe Card Electro
Mechanical Specification.
Besides operating as fanout buffers, these devices can work as fixed frequency clock generators with external crystal.
Supported crystal frequencies are 8 MHz to 160 MHz.
4.1
Clock Input
The following figures show how to terminate input of the device in most common cases: Low Power HCSL (LPHCSL),
HCSL, and single-ended LVCMOS.
FIGURE 4-1:
Input Driven by LPHCSL Driver.
FIGURE 4-2:
Input Driven by HCSL Driver.
Figure 4-3 shows how to terminate a single-ended output, such as LVCMOS. This example assumes 50Ω transmission
line, which is the most common for single-ended CMOS signaling. Ideally, resistors R1 and R2 should be 100Ω each
and RO + RS should be 50Ω so that the transmission line is terminated at both ends with characteristic impedance. If
the driving strength of the output driver is not sufficient to drive low impedance, the value of series resistor RS should
be increased. This will reduce the voltage swing at the input, but this should be fine as long as the input voltage swing
requirement is not violated (Figure 1-3). The source resistors of RS = 270Ω could be used for a standard LVCMOS
driver. This will provide 516 mV of voltage swing for 3.3V LVCMOS driver with load current of (3.3V/2) * (1/(270Ω + 50Ω))
= 5.16 mA.
For optimum performance both differential input pins (_p and _n) need to be DC-biased to the same voltage. Hence,
the ratio R1/R2 should be equal to the ratio R3/R4.
Z0
Z0
MCHP
Device
Rs
VDD
VDD
Push-Pull Di eren al Driver (LPHCSL)
Rs
Z0
Z0
MCHP
Device
5
5
3
3
VDD
HCSL
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com