Electronic Components Datasheet Search
  English  ▼

X  

SY75608 Datasheet(PDF) 9 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 9 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 5Page - Microchip Technology SY75608 Datasheet HTML 6Page - Microchip Technology SY75608 Datasheet HTML 7Page - Microchip Technology SY75608 Datasheet HTML 8Page - Microchip Technology SY75608 Datasheet HTML 9Page - Microchip Technology SY75608 Datasheet HTML 10Page - Microchip Technology SY75608 Datasheet HTML 11Page - Microchip Technology SY75608 Datasheet HTML 12Page - Microchip Technology SY75608 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
2021 - 2023 Microchip Technology Inc. and its subsidiaries
DS20006363D-page 9
SY75608/612
Device-to-Device Output
Skew
tDOOSK
—
—
0.6
ps
—
Input-to-Output Delay
tIOD
1
1.4
2
ns
—
Output Enable Time
tEN
—
—
5
cycles Note 12
Output Disable Time
tDIS
—
—
6
cycles Note 12
Note 1: Measurement taken from differential waveform.
2: Measured from –150 mV to +150 mV on the differential waveform (derived from OUTx_p to OUTx_n). The
signal must be monotonic through the measurement region for rise and fall time. The 300 mV measure-
ment window is centered on the differential zero crossing. See Figure 1-5.
3: Measurement taken from single ended waveform.
4: Measured at crossing point where the instantaneous voltage value of the rising edge of OUTx_p equals
the falling edge of OUTx_n. See Figure 1-1.
5: Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is
crossing. Refers to all crossing points for this measurement. See Figure 1-1.
6: Defined as the total variation of all crossing voltages of Rising OUTx_p and Falling OUTx_n. This is the
maximum allowed variance in VCROSS for any particular system. See Figure 1-2.
7: tSTABLE is the time the differential clock must maintain a minimum ±150 mV differential voltage after ris-
ing/falling edges before it is allowed to droop back into the VRB ±100 mV differential range. See
Figure 1-6.
8: Defined as the maximum instantaneous voltage including overshoot. See Figure 1-1.
9: Defined as the minimum instantaneous voltage including undershoot. See Figure 1-1.
10: Matching applies to rising edge rate for OUTx_p and falling edge rate for OUTx_n. It is measured using a
±75 mV window centered on the median cross point where OUTx_p rising meets OUTx_n falling. The
median cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate
calculations. The Rise Edge Rate of OUTx_p should be compared to the Fall Edge Rate of OUTx_n; the
maximum allowed difference should not exceed 20% of the slowest edge rate. See Figure 1-3.
11: System board compliance measurements must use the test load card described in Figure 1-7. OUTx_p
and OUTx_n are to be measured at the load capacitors CLOAD. Single-ended probes must be used for
measurements requiring single-ended measurements. Either single-ended probes with math or differential
probe can be used for differential measurements. Test load CLOAD = 2 pF.
12: Output Enable control (pin or register) is synchronous with the input clock and it takes four rising edges
before output gets enabled or disabled. Hence the minimum input frequency is greater than 0 Hz. Once
the outputs are enabled the input clock frequency can be reduced to 0 Hz.
JITTER AND PHASE NOISE
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Peak-to-Peak Additive
Jitter
AJRMS_PP
—
4
5.1
ps
Note 1, Note 2
Additive Jitter per PCIe
1.0 (1.5 MHz to 22 MHz)
tjPCIe_1.0
—
0.7
0.9
psRMS Note 1, Note 2
Additive Jitter per PCIe
2.0 High Band (1.5 MHz
to 50 MHz)
tjPCIe_2.0_high
—
79
100
fsRMS Note 1, Note 2
Additive Jitter per PCIe
2.0 Low Band (10 kHz to
1.5 MHz)
tjPCIe_2.0_low
—
16
21
fsRMS Note 1, Note 2
Additive Jitter per PCIe
2.0 Mid Band (5 MHz to
16 MHz)
tjPCIe_2.0_mid
—
62
79
fsRMS Note 1, Note 2
OUTPUT ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VDD = 3.3V ±10%, VDD = 2.5V ±10%, VDD = 1.8V ±10%, TA = –40°C to +105°C, unless
noted. CLOAD = 2 pF.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com