| Electronic Components Datasheet Search |
|
SY75608 Datasheet(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SY75608 Datasheet(HTML) 25 Page - Microchip Technology |
|
25 / 44 page ![]() 2021 - 2023 Microchip Technology Inc. and its subsidiaries DS20006363D-page 25 SY75608/612 5.2.1 I2C BUS READ/WRITE Reading or writing a register or registers in a I2C Bus client device is MSB first and LBS last in one-byte blocks. The access from I2C server starts with the start condition followed by the client address and the write indicator bit. This is then followed by the command byte which in bits [6:0] contains the address of the register to be accessed for byte mode or the first register to be accessed in the burst mode. The most significant bit in the command byte must be set to 1. Byte Read. The standard byte read is as shown in Figure 5-4. The command byte is followed the client address and read indication bit. The device (client) will respond by sending the requested byte. FIGURE 5-4: I2C Bus Byte Read. Write. Figure 5-5 illustrates the standard byte write. After the written byte has been acknowledged by the device, the server will assert the stop signal. FIGURE 5-5: I2C Bus Byte Write. T Slave Command r Slave A N P Wr Rd Start Condi on Rd/Wr Command Register address to read MSB = 1 {1'b1,register_address[6:0]} Repeat start Acknowledge Not Ack Stop Condi on Master drives Bus Slave drives Bus A A Data Byte 0 Byte Byte Byte Byte Rd/Wr Command T Slave Command P Wr Start Condi on Register address to write MSB = 1 {1'b1,register_address[6:0]} Acknowledge Stop Master drives Bus Slave drives Bus A Data Byte 0 A A Byte Byte Byte Rd/Wr Command |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |