Electronic Components Datasheet Search
  English  ▼

X  

TSC2003 Datasheet(PDF) 16 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 12Page - Texas Instruments TSC2003 Datasheet HTML 13Page - Texas Instruments TSC2003 Datasheet HTML 14Page - Texas Instruments TSC2003 Datasheet HTML 15Page - Texas Instruments TSC2003 Datasheet HTML 16Page - Texas Instruments TSC2003 Datasheet HTML 17Page - Texas Instruments TSC2003 Datasheet HTML 18Page - Texas Instruments TSC2003 Datasheet HTML 19Page - Texas Instruments TSC2003 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
°K =
•
•
q
k 1n(N)
∆V
(1)
Battery Measurement
VDD
VBAT
7.5kΩ
2.5kΩ
DC/DC
Converter
Battery
0.5V
to
6.0V
0.125V to 1.5V
2.7V
+
A/D
Converter
TSC2003-Q1
SBAS454 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
The equation to solve for °K is shown in Equation 1:
Where:
ΔV V(I91) – V(I1) (in mV)
∴ °K 2.573 × ΔV°K/mV
°C = 2.573 ×
ΔV(mV) – 273°K
NOTE:
The bias current for each diode temperature measurement is only turned on during
the acquisition mode, and, therefore, does not add any noticeable increase in power,
especially if the temperature measurement only occurs occasionally.
An added feature of the TSC2003 is the ability to monitor the battery voltage on the other side of the voltage
regulator (dc/dc converter), as shown in Figure 9. The battery voltage can vary from 0.5 V to 6 V, while the
voltage regulator maintains the voltage to the TSC2003 at 2.7 V, 3.3 V, etc. The input voltage (VBAT1 or VBAT2) is
divided down by 4 so that a 6-V battery voltage is represented as 1.5 V to the ADC. The simplifies the
multiplexer and control logic. To minimize the power consumption, the divider is only on during the sample period
which occurs after control bits C3 = 0, C2 = 0, C1 = 0, and C0 = 1 (VBAT1) or C3 = 0, C2 = 1, C1 = 0, and C0 = 1
(VBAT2) are received. See Table 1 and Table 2 for the relationship between the control bits and configuration of
the TSC2003.
Figure 9. Battery Measurement Functional Block Diagram
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2003-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com