Electronic Components Datasheet Search
  English  ▼

X  

TSC2003 Datasheet(PDF) 14 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 10Page - Texas Instruments TSC2003 Datasheet HTML 11Page - Texas Instruments TSC2003 Datasheet HTML 12Page - Texas Instruments TSC2003 Datasheet HTML 13Page - Texas Instruments TSC2003 Datasheet HTML 14Page - Texas Instruments TSC2003 Datasheet HTML 15Page - Texas Instruments TSC2003 Datasheet HTML 16Page - Texas Instruments TSC2003 Datasheet HTML 17Page - Texas Instruments TSC2003 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Converter
+IN
+REF
Y+
+V
DD
V
REF
X+
Y–
GND
–REF
–IN
Converter
+IN
+REF
Y+
+V
DD
X+
Y–
GND
–REF
–IN
TSC2003-Q1
SBAS454 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
Figure 6. Simplified Diagram of Single-Ended Reference
This situation is remedied, as shown in Figure 7, by using the differential mode: the +REF and –REF inputs are
connected directly to Y+ and Y–, respectively. This makes the ADC ratiometric. The result of the conversion is
always a percentage of the external reference, regardless of how it changes in relation to the on-resistance of
the internal switches.
Figure 7. Simplified Diagram of Differential Reference (Y Switches Enabled, X+ is Analog Input)
Differential reference mode always uses the supply voltage, through the drivers, as the reference voltage for the
ADC. VREF cannot be used as the reference voltage in differential mode.
It is possible to use a high-precision reference on VREF in single-ended reference mode for measurements which
do not need to be ratiometric (i.e., battery voltage, temperature measurement, etc.). In some cases, it could be
possible to power the converter directly from a precision reference. Most references can provide enough power
for the TSC2003, but they might not be able to supply enough current for the external load, such as a resistive
touch screen.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2003-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com