Electronic Components Datasheet Search
  English  ▼

X  

TSC2003 Datasheet(PDF) 17 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 13Page - Texas Instruments TSC2003 Datasheet HTML 14Page - Texas Instruments TSC2003 Datasheet HTML 15Page - Texas Instruments TSC2003 Datasheet HTML 16Page - Texas Instruments TSC2003 Datasheet HTML 17Page - Texas Instruments TSC2003 Datasheet HTML 18Page - Texas Instruments TSC2003 Datasheet HTML 19Page - Texas Instruments TSC2003 Datasheet HTML 20Page - Texas Instruments TSC2003 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Pressure Measurement
R
TOUCH
=R
•
X-Plate
Z
2
Z
1
– 1
X-Position
4096
(2)
R
R
X-Position
4096
4096
Z
–1 – R
Y-Position
4096
TOUCH
X Plate
1
Y Plate
=
•
−
•
−
1–
(3)
X-Position
Measure X-Position
Measure Z
1
-Position
Touch
X+
Y+
X–
Y–
Z
1
-Position
Touch
X+
Y+
Y–
X–
Measure Z
2
-Position
Z
2
-Position
Touch
X+
Y+
Y–
X–
TSC2003-Q1
www.ti.com ........................................................................................................................................................................................... SBAS454 – DECEMBER 2008
Measuring touch pressure can also be done with the TSC2003. To determine pen or finger touch, the pressure of
the "touch" needs to be determined. Generally, it is not necessary to have high accuracy for this test, therefore,
the 8-bit resolution mode is recommended. However, calculations are shown with the 12-bit resolution mode.
There are several different ways of performing this measurement, and the TSC2003 supports two methods.
The first method requires knowing the X-Plate resistance, measurement of the X-Position, and two additional
cross-panel measurements (Z2 and Z1) of the touch screen, as shown in Figure 10. Use Equation 2 to calculate
the touch resistance:
The second method requires knowing both the X-Plate and Y-Plate resistance, measurement of X-Position and
Y-Position, and Z1. Equation 3 calculates the touch resistance using the second method:
Figure 10. Pressure Measurement Block Diagrams
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TSC2003-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com