Electronic Components Datasheet Search
  English  ▼

X  

TSC2003 Datasheet(PDF) 19 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 15Page - Texas Instruments TSC2003 Datasheet HTML 16Page - Texas Instruments TSC2003 Datasheet HTML 17Page - Texas Instruments TSC2003 Datasheet HTML 18Page - Texas Instruments TSC2003 Datasheet HTML 19Page - Texas Instruments TSC2003 Datasheet HTML 20Page - Texas Instruments TSC2003 Datasheet HTML 21Page - Texas Instruments TSC2003 Datasheet HTML 22Page - Texas Instruments TSC2003 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Address Byte
1
0
0
1
0
A1
A0
R/W
MSB
LSB
Command Byte
C3
C2
C1
C0
PD1
PD0
M
X
MSB
LSB
TSC2003-Q1
www.ti.com ........................................................................................................................................................................................... SBAS454 – DECEMBER 2008
Figure 11 details how data transfer is accomplished on the I2C bus. Depending upon the state of the R/W bit, two
types of data transfer are possible:
• Data transfer from a master transmitter to a slave receiver. The first byte transmitted by the master is the
slave address. Next follows a number of data bytes. The slave returns an acknowledge bit after the slave
address and each received byte.
• Data transfer from a slave transmitter to a master receiver. The first byte (the slave address) is transmitted by
the master. The slave then returns an acknowledge bit. Next, a number of data bytes are transmitted by the
slave to the master. The master returns an acknowledge bit after all received bytes other than the last one. At
the end of the last received byte, a ‘not acknowledge’ is returned.
The master device generates all of the serial clock pulses and the Start and Stop conditions. A transfer is ended
with a Stop condition or a repeated Start condition. Because a repeated Start condition is also the beginning of
the next serial transfer, the bus is not released.
The TSC2003 may operate in the following two modes:
• Slave receiver mode: Serial data and clock are received through SDA and SCL. After each byte is received,
an acknowledge bit is transmitted. Start and Stop conditions are recognized as the beginning and end of a
serial transfer. Address recognition is performed by hardware after reception of the slave address and
direction bit.
• Slave transmitter mode: The first byte (the slave address) is received and handled as in the slave receiver
mode. However, in this mode the direction bit indicates that the transfer direction is reversed. Serial data is
transmitted on SDA by the TSC2003 while the serial clock is input on SCL. Start and Stop conditions are
recognized as the beginning and end of a serial transfer.
The address byte, as shown in Figure 12, is the first byte received following the Start condition from the master
device. The first five bits (MSBs) of the slave address are factory preset to 10010. The next two bits of the
address byte are the device select bits: A1 and A0. Input pins (A1 and A0) on the TSC2003 determine these two
bits of the device address for a particular TSC2003. Therefore, a maximum of four devices with the same preset
code can be connected on the same bus at one time.
Figure 12. Address Byte
The A1–A0 address inputs can be connected to VDD or digital ground. The last bit of the address byte (R/W)
defines the operation to be performed. When set to a "1", a read operation is selected; when set to a "0", a write
operation is selected. Following the Start condition, the TSC2003 monitors the SDA bus and checks the device
type identifier being transmitted. Upon receiving the 10010 code, the appropriate device select bits, and the R/W
bit, the slave device outputs an acknowledge signal on the SDA line.
The TSC2003 operating mode is determined by a command byte, which is shown in Figure 13.
Figure 13. Command Byte
The bits in the device command byte are defined as follows:
• C3–C0: Configuration bits. These bits set the input multiplexer address and functions that the TSC2003 will
perform, as shown in Table 1.
• PD1–PD0: Power-down bits. These two bits select the power-down mode that the TSC2003 will enter after
the current command completes, as shown in Table 2.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TSC2003-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com