Electronic Components Datasheet Search
  English  ▼

X  

INA203 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA203 Datasheet HTML 11Page - Texas Instruments INA203 Datasheet HTML 12Page - Texas Instruments INA203 Datasheet HTML 13Page - Texas Instruments INA203 Datasheet HTML 14Page - Texas Instruments INA203 Datasheet HTML 15Page - Texas Instruments INA203 Datasheet HTML 16Page - Texas Instruments INA203 Datasheet HTML 17Page - Texas Instruments INA203 Datasheet HTML 18Page - Texas Instruments INA203 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Copyright © 2016, Texas Instruments Incorporated
INA203-Q1
x20
3 m
Load Supply
±16V to +80V
Load
5V Supply
Optional Delay
Capacitor
0.2 …F
C
BYPASS
0.01 …F
VS
OUT
CMP1 IN-/0.6 REF
CMP1 IN+
CMP2 IN+
CMP2 IN-/0.6 REF
GND
VIN+
VIN-
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1RESET
Current Shunt
Monitor Output
1.2V REF
4.7 k
Ÿ
4.7 k
Ÿ
Transparent/Reset
Latch
RSHUNT
R
PULL-UP
R
PULL-UP
15
INA203-Q1
www.ti.com
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The INA203-Q1 device is designed to enable easy configuration for detecting overcurrent conditions and current
monitoring in an application. This device is also incorporate two open-drain comparators with internal 0.6-V
references. The comparator references can be overridden by external inputs. Comparator 1 includes a latching
capability, and Comparator 2 has a user-programmable delay. The INA203-Q1 also provides a 1.2-V reference
output. This device can also be paired with minimum additional devices to create more sophisticated monitoring
functional blocks.
9.1.1 Basic Connections
Figure 30 shows the basic connections of the INA203-Q1. Connect the input pins, VIN+ and VIN–, as closely as
possible to the shunt resistor to minimize any resistance in series with the shunt resistance.
Power-supply bypass capacitors are required for stability. Applications with noisy or high-impedance power
supplies may require additional decoupling capacitors to reject power-supply noise. Connect bypass capacitors
close to the device pins.
Figure 30. INA203-Q1 Basic Connection
9.1.2 Selecting RSHUNT
The value chosen for the shunt resistor, RSHUNT, depends on the application and is a compromise between small-
signal accuracy and maximum permissible voltage loss in the measurement line. High values of RSHUNT provide
better accuracy at lower currents by minimizing the effects of offset, while low values of RSHUNT minimize voltage
loss in the supply line. For most applications, best performance is attained with an RSHUNT value that provides a
full-scale shunt voltage range of 50 mV to 100 mV. Maximum input voltage for accurate measurements is
(VSHUNT – 0.25)/Gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com