Electronic Components Datasheet Search
  English  ▼

X  

INA203 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA203 Datasheet HTML 12Page - Texas Instruments INA203 Datasheet HTML 13Page - Texas Instruments INA203 Datasheet HTML 14Page - Texas Instruments INA203 Datasheet HTML 15Page - Texas Instruments INA203 Datasheet HTML 16Page - Texas Instruments INA203 Datasheet HTML 17Page - Texas Instruments INA203 Datasheet HTML 18Page - Texas Instruments INA203 Datasheet HTML 19Page - Texas Instruments INA203 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Copyright © 2016, Texas Instruments Incorporated
RSHUNT
RFILTER
3
PŸ
VSUPPLY
Load
100 Q
CFILTER
S
f±3dB
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN+
VIN±
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1 RESET
VS
OUT
CMP1 IN
± /0.6V REF
CMP1 IN+
CMP2 IN+
CMP2 IN
± /0.6V REF
GND
1.2V REF
RFILTER<
RFILTER <100 Ÿ
3dB
FILTER
FILTER
1
f
2 (2R
)C
<<
GainError%=100 -
5kW
5k
+R
W
FILT
100 ´
16
INA203-Q1
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
www.ti.com
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Application Information (continued)
9.1.3 Input Filtering
An obvious and straightforward location for filtering is at the output of the INA203-Q1 series; however, this
location negates the advantage of the low output impedance of the internal buffer. The only other option for
filtering is at the input pins of the INA203-Q1, which is complicated by the internal 5 k
Ω + 30% input impedance;
this configuration is illustrated in Figure 31. Using the lowest possible resistor values minimizes both the initial
shift in gain and effects of tolerance. Equation 2 gives the effect on initial gain:
(2)
To calculate the total effect on gain error, replace the 5-k
Ω term with 5 kΩ – 30%, (or 3.5 kΩ) or 5 kΩ + 30% (or
6.5 k
Ω). The tolerance extremes of RFILT can also be inserted into the equation. If a pair of 100-Ω 1% resistors
are used on the inputs, then the initial gain error will be 1.96%. Worst-case tolerance conditions will always occur
at the lower excursion of the internal 5-k
Ω resistor (3.5 kΩ), and the higher excursion of RFILT + 3% in this case.
Figure 31. Input Filter
NOTE
The specified accuracy of the INA203-Q1 must then be combined in addition to these
tolerances. While this discussion treated accuracy worst-case conditions by combining the
extremes of the resistor values, it is appropriate to use geometric-mean or root-sum-
square calculations to total the effects of accuracy variations.
9.1.4 Accuracy Variations as a Result of VSENSE and Common-Mode Voltage
The accuracy of the INA203-Q1 current-shunt monitors is a function of two main variables: VSENSE (VIN+ – VIN–)
and common-mode voltage, VCM, relative to the supply voltage, VS. VCM is expressed as (VIN+ + VIN–)/2; however,
in practice, VCM is seen as the voltage at VIN+ because the voltage drop across VSENSE is usually small.
This section addresses the accuracy of these specific operating regions:
•
Normal Case 1: VSENSE ≥ 20 mV, VCM ≥ VS
•
Normal Case 2: VSENSE ≥ 20 mV, VCM < VS
•
Low VSENSE Case 1: VSENSE < 20 mV, –16 V ≤ VCM < 0
•
Low VSENSE Case 2: VSENSE < 20 mV, 0 V ≤ VCM ≤ VS
•
Low VSENSE Case 3: VSENSE < 20 mV, VS < VCM ≤ 80 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com