Electronic Components Datasheet Search
  English  ▼

X  

INA203 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA203 Datasheet HTML 14Page - Texas Instruments INA203 Datasheet HTML 15Page - Texas Instruments INA203 Datasheet HTML 16Page - Texas Instruments INA203 Datasheet HTML 17Page - Texas Instruments INA203 Datasheet HTML 18Page - Texas Instruments INA203 Datasheet HTML 19Page - Texas Instruments INA203 Datasheet HTML 20Page - Texas Instruments INA203 Datasheet HTML 21Page - Texas Instruments INA203 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
12
14
16
18
20
22
V
(mV)
SENSE
24
V
Tested Limit
OUT
(1)
V
CM2
V
CM1
V
CM3
V
CM4
V
, V
, and V
CM2
CM3
CM4 illustrate the variance
from part to part of the V
that can cause
CM
maximum V
with V
< 20mV.
OUT
SENSE
V
Tested Limit at
OUT
V
= 0mV, 0
V
£ CM1
SENSE
V
£
.
S
NOTE: (1) INA203-Q1 V
Tested Limit = 0.4V.
OUT
Ideal
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
12
14
16
18
V
(mV)
SENSE
20
Actual
Ideal
18
INA203-Q1
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
www.ti.com
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Application Information (continued)
Data taken from INA205, a device of INA20x family with Gain = 100
Figure 32. Example for Low VSENSE Cases 1 and 3 (Gain = 100)
9.1.4.4 Low VSENSE Case 2: VSENSE < 20 mV, 0 V ≤ VCM ≤ VS
This region of operation is the least accurate for the INA203-Q1. To achieve the wide input common-mode
voltage range, this device uses two operational amplifiers (Opamp) front ends in parallel. One Opamp front end
operates in the positive input common-mode voltage range, and the other in the negative input region. For this
case, neither of these two internal amplifiers dominate and overall loop gain is very low. Within this region, VOUT
approaches voltages close to linear operation levels for Normal Case 2. This deviation from linear operation
becomes greatest the closer VSENSE approaches 0 V. Within this region, as VSENSE approaches 20 mV, device
operation is closer to that described by Normal Case 2. Figure 33 illustrates this behavior. The VOUT maximum
peak for this case is tested by maintaining a constant VS, setting VSENSE = 0 mV, and sweeping VCM from 0 V to
VS. The exact VCM at which VOUT peaks during this test varies from part to part, but the VOUT maximum peak is
tested to be less than the specified VOUT Tested Limit.
Data taken from INA205, a device of INA20x family with Gain = 100
Figure 33. Example for Low VSENSE Case 2 (Gain = 100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com