Electronic Components Datasheet Search
  English  ▼

X  

INA203 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 5 Page - Texas Instruments

  INA203 Datasheet HTML 1Page - Texas Instruments INA203 Datasheet HTML 2Page - Texas Instruments INA203 Datasheet HTML 3Page - Texas Instruments INA203 Datasheet HTML 4Page - Texas Instruments INA203 Datasheet HTML 5Page - Texas Instruments INA203 Datasheet HTML 6Page - Texas Instruments INA203 Datasheet HTML 7Page - Texas Instruments INA203 Datasheet HTML 8Page - Texas Instruments INA203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
INA203-Q1
www.ti.com
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Offset is extrapolated from measurements of the output at 20 mV and 100 mV VSENSE.
(2)
Total output error includes effects of gain error and VOS.
(3)
Linearity is best fit to a straight line.
(4)
For details on this region of operation, see the Accuracy Variations section.
(5)
See Typical Characteristics curve Positive Output Voltage Swing vs Output Current (Figure 8).
(6)
Specified by design; not production tested.
7.5
Electrical Characteristics: Current-Shunt Monitor
At TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, RPULL-UP = 5.1 kΩ each connected from CMP1
OUT and CMP2 OUT to VS, and CMP1 IN+ = 1 V and CMP2 IN+ = GND, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VSENSE
Full-scale sense input voltage
VSENSE = VIN+ – VIN–
0.15
(VS – 0.25)/Gain
V
VCM
Common-mode input range
TA = –40°C to +125°C
–16
80
V
CMRR
Common-mode rejection ratio
VCM = –16 V to +80 V
80
100
dB
Over temperature
VCM = 12 V to 80 V
TA = 25°C to 125°C
100
123
dB
TA = –40°C to +25°C
90
100
dB
VOS
Offset voltage, RTI(1)
±0.5
±2.5
mV
TA = 25°C to 125°C
±3
mV
TA = –40°C to +25°C
±3.5
mV
dVOS/dT
Versus temperature
TMIN to TMAX
TA = –40°C to +125°C
5
μV/°C
PSR
Versus power supply
VOUT = 2 V, VCM = +18 V
TA = –40°C to +125°C
2.5
100
μV/V
IB
Input bias current, VIN– Pin
TA = –40°C to +125°C
±9
±16
μA
OUTPUT (VSENSE ≥ 20 mV)
G
Gain
20
V/V
Gain error
VSENSE = 20 mV to 100 mV
±0.2%
±1%
Over temperature
VSENSE = 20 mV to 100 mV
TA = –40°C to +125°C
±2%
Total output error(2)
VSENSE = 120 mV, VS = +16 V
±0.75%
±2.2%
Over temperature
VSENSE = 120 mV, VS = +16 V TA = –40°C to +125°C
±3.5%
Nonlinearity error(3)
VSENSE = 20 mV to 100 mV
±0.002%
RO
Output impedance, Pin 2
1.5
Ω
Maximum capacitive load
No sustained oscillation
10
nF
OUTPUT (VSENSE < 20 mV)
(4)
VOUT
Output voltage
–16 V
≤ VCM < 0 V
300
mV
0 V
≤ VCM ≤ VS, VS = 5 V
0.4
V
VS < VCM ≤ 80 V
300
mV
VOLTAGE OUTPUT(5)
Output swing to the positive rail
VIN– = 11 V, VIN+ = 12 V
TA = –40°C to +125°C
(VS) – 0.15
(VS) – 0.25
V
Output Swing to GND(6)
VIN– = 0 V, VIN+ = –0.5 V
TA = –40°C to +125°C
(VGND) + 0.004
(VGND) + 0.05
V
FREQUENCY RESPONSE
BW
Bandwidth
CLOAD = 5 pF
500
kHz
Phase margin
CLOAD < 10 nF
40
Degrees
SR
Slew rate
1
V/
μs
Settling time (1%)
VSENSE = 10 mVPP to 100 mVPP,
CLOAD = 5 pF
2
μs
NOISE, RTI
Output Voltage Noise Density
40
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com