Electronic Components Datasheet Search
  English  ▼

X  

INA203 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA203 Datasheet HTML 10Page - Texas Instruments INA203 Datasheet HTML 11Page - Texas Instruments INA203 Datasheet HTML 12Page - Texas Instruments INA203 Datasheet HTML 13Page - Texas Instruments INA203 Datasheet HTML 14Page - Texas Instruments INA203 Datasheet HTML 15Page - Texas Instruments INA203 Datasheet HTML 16Page - Texas Instruments INA203 Datasheet HTML 17Page - Texas Instruments INA203 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Copyright © 2016, Texas Instruments Incorporated
INA203-Q1
x20
RSHUNT
3
PŸ
Load Supply
±16V to +80V
Load
18V Supply
Optional Delay
Capacitor
0.2 F
CBYPASS
0.01 F
VS
OUT
CMP1 INt/0.6 REF
CMP1 IN+
CMP2 IN+
CMP2 IN
±/0.6-V Ref
GND
VIN+
VIN±
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1 RESET
Current Shunt
Monitor Output
1.2V REF
RPULL-UP
16.9
.Ÿ
Transparent/Reset
Latch
V<11.2
16.9
.Ÿ
RPULL-UP
20 k
Ÿ
20 k
Ÿ
CMP2 IN
±
CMP1 IN
±
1.2V
” 1mA
Copyright © 2016, Texas Instruments Incorporated
14
INA203-Q1
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
www.ti.com
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 28. Limit Current Into Reference
≤ 1 mA
Figure 29. Overdriving Comparator Inputs Without Generating a Reference Error
8.3.4 Reference
The INA203-Q1 include an internal voltage reference that has a load regulation of 0.4 mV/mA (typical), and not
more than 100 ppm/°C of drift. The device allows external access to reference voltages, where voltages of 1.2 V
and 0.6 V are both available. Output current versus output voltage is illustrated in the Typical Characteristics
section.
8.3.5 Output Voltage Range
The output of the INA203-Q1 is accurate within the output voltage swing range set by the power-supply pin, VS.
Given the device gain of 20, where a 250 mV full-scale input from the shunt resistor requires an output voltage
swing of +5 V, and a power-supply voltage sufficient to achieve +5 V on the output.
8.4 Device Functional Modes
The INA203-Q1 has a single functional mode and is operational when the power-supply voltage is greater than
2.7 V. The common-mode voltage must be between –16 V and +80 V. The maximum power supply voltage for
the INA203-Q1 is 18 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com