Electronic Components Datasheet Search
  English  ▼

X  

INA203 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA203 Datasheet HTML 15Page - Texas Instruments INA203 Datasheet HTML 16Page - Texas Instruments INA203 Datasheet HTML 17Page - Texas Instruments INA203 Datasheet HTML 18Page - Texas Instruments INA203 Datasheet HTML 19Page - Texas Instruments INA203 Datasheet HTML 20Page - Texas Instruments INA203 Datasheet HTML 21Page - Texas Instruments INA203 Datasheet HTML 22Page - Texas Instruments INA203 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Copyright © 2016, Texas Instruments Incorporated
V
IN+
V
IN±
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1 RESET
VS+
OUT
CMP1 IN±/0.6-V REF
CMP1 IN+
CMP2 IN+
CMP2 IN±/0.6-V REF
GND
Load
Overlimit
Raychem
Polyswitch
Warning
+5V Supply
Pull-Up
Resistors
CBYPASS
0.01 F
Optional
C
DELAY
0.01 F
< 18V
Battery
Reset
Latch
INA203-Q1
x20
1.2V REF
3.3 k
19
INA203-Q1
www.ti.com
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Application Information (continued)
9.1.5 Transient Protection
The –16 V to +80 V common-mode range of the INA203-Q1 is ideal for withstanding automotive fault conditions
ranging from 12-V battery reversal up to 80-V transients, since no additional protective components are needed
up to those levels. In the event that the INA203-Q1 is exposed to transients on the inputs in excess of their
ratings, then external transient absorption with semiconductor transient absorbers (zeners or Transzorbs) are
necessary. Use of metal oxide varistors (MOVs) or video disk recorders (VDRs) is not recommended except
when they are used in addition to a semiconductor transient absorber. Select the transient absorber such that it
will never allow the INA203-Q1 to be exposed to transients greater than 80 V (that is, allow for transient absorber
tolerance, as well as additional voltage because of transient absorber dynamic impedance). Despite the use of
internal zener-type ESD protection, the INA203-Q1 does not lend itself to using external resistors in series with
the inputs because the internal gain resistors can vary up to ±30% but are closely matched. (If gain accuracy is
not important, then resistors can be added in series with the INA203-Q1 inputs with two equal resistors on each
input.)
9.2 Typical Applications
9.2.1 Polyswitch Warning and Fault Detection Circuit
Figure 34. Polyswitch Warning and Fault Detection Circuit Schematic
9.2.1.1 Design Requirements
The device measures current through a resistive shunt with current flowing in one direction, thus enabling
detection of an overlimit or warning event only when the differential input voltage exceeds the corresponding
threshold limits. When the current reaches the warning limit of 0.6 V, the output of CMP2 will transition high
indicating a warning condition. When the current further increases to or past the overlimit limit of 1.2 V, the output
of CMP1 will transition high indicating an overlimit condition. Optional CDELAY can be sized to add delay to CMP2.
9.2.1.2 Detailed Design Procedure
Figure 34 shows the basic connections of the device. The input terminals, VIN+ and VIN–, should be connected as
close as possible to the current-sensing resistor or polymeric switch to minimize any resistance in series with the
shunt resistance. Additional resistance between the current-sensing resistor and input terminals can result in
errors in the measurement. When input current flows through this external input resistance, the voltage
developed across the shunt resistor can differ from the voltage reaching the input terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com