Electronic Components Datasheet Search
  English  ▼

X  

INA203 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA203 Datasheet HTML 16Page - Texas Instruments INA203 Datasheet HTML 17Page - Texas Instruments INA203 Datasheet HTML 18Page - Texas Instruments INA203 Datasheet HTML 19Page - Texas Instruments INA203 Datasheet HTML 20Page - Texas Instruments INA203 Datasheet HTML 21Page - Texas Instruments INA203 Datasheet HTML 22Page - Texas Instruments INA203 Datasheet HTML 23Page - Texas Instruments INA203 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Copyright © 2016, Texas Instruments Incorporated
INA203-Q1
x20
VIN+
VIN±
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1 RESET
VS+
OUT
CMP1 IN
±/0.6-V REF
CMP1 IN+
CMP2 IN+
CMP2 IN
±/0.6-V REF
GND
1.2V REF
Load
RSHUNT
0.02
Ÿ
+5V Supply
R3
14
NŸ
R4
6.04
NŸ
R5
100
NŸ
R6
6.04
NŸ
CBYPASS
0.01 F
Q2
NDS8434A
Q1
2N3904
R1
100
NŸ
Latch
Reset
R2
1
NŸ
R7
1
NŸ
Time(mS)
0
100
200
300
400
500
600
700
800
900
1000
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
RESET(V)
COMP1(V)
VOUT(V)
COMP2(V)
Time(mS)
0
25
50
75
100
125
150
175
200
225
250
275
300
325
350
375
400
425
450
475
500
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
COMP1(V)
VOUT(V)
COMP2_No_Delay(V)
COMP2_Delay(V)
20
INA203-Q1
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
www.ti.com
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Typical Applications (continued)
9.2.1.3 Application Curves
Figure 35. Polyswitch Warning and Fault Detection Circuit
Response
Figure 36. Polyswitch Warning and Fault Detection Circuit
With Delay Response
9.2.2 Lead-Acid Battery Protection Circuit
See Figure 37 for a protection scheme using INA203-Q1 for a lead-acid battery application.
Figure 37. Lead-Acid Battery Protection Circuit Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com