Electronic Components Datasheet Search
  English  ▼

X  

LM3248 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3248
Description  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter with Boost and Active Current Assist and Analog Bypass (ACB)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3248 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3248 Datasheet HTML 13Page - Texas Instruments LM3248 Datasheet HTML 14Page - Texas Instruments LM3248 Datasheet HTML 15Page - Texas Instruments LM3248 Datasheet HTML 16Page - Texas Instruments LM3248 Datasheet HTML 17Page - Texas Instruments LM3248 Datasheet HTML 18Page - Texas Instruments LM3248 Datasheet HTML 19Page - Texas Instruments LM3248 Datasheet HTML 20Page - Texas Instruments LM3248 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
t7.25mmt
L1
3225
C9
0603
L3
2016
1005
FB1
Boost + Buck
LM3248 IC
2.5 mm x 2.8 mm
1005
C1
1005
C7
LM3248
www.ti.com
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
Thermal Overload Protection
The LM3248 IC has thermal overload protection that disables the device, protecting it from short-term misuse
and overload conditions. If the junction temperature exceeds 150°C (typ.), all of the power functions will be
turned off. Normal operation resumes after the temperature drops below 130°C (typ.), and the LM3248 will
attempt to return to the operating state before the over-temperature condition occurred. Prolonged operation in
thermal overload condition may damage the device and is therefore not recommended.
Digital Control Signals
The BOOST_GATE, MODE and ENABLE pins are 1.8V logic-level inputs for controlling the LM3248. A logic
LOW level applied to the ENABLE pin puts the LM3248 into a Shutdown state, where minimum current is drawn
from the battery. The MODE pin allows the user to select whether PWM (2G) or PWM/PFM (3G/4G) operation is
allowed. The BOOST_GATE pin enables the Boost DC/DC converter circuitry and related functionality.
Manufacturing Considerations
Use of the DSBGA package requires specialized board layout, precision mounting, and careful re-flow
techniques, as detailed in Texas Instruments Application Note AN-1112 (SNVA009). Please refer to the section
Surface Mount Assembly Considerations. For best results in assembly, local alignment fiducial markers on the
PC board should be used to facilitate placement of the device.
The pad style used with DSBGA package must be the NSMD (non-solder mask defined) type. This means that
the solder-mask opening is larger than the pad size. This prevents a lip that would otherwise form if the solder-
mask and pad overlap, which would hold the device off the surface of the board and interfere with mounting. See
Application Note AN-1112 (SNVA009) for specific instructions how to do this.
The 30-bump(5x6) DSBGA package used for the LM3248 has the following Non-Solder Mask Defined (NSMD)
mounting specifications:
•
Solder ball diameter: 0.265 mm
•
Copper pad size: 0.225 mm ± 0.02 mm
•
Solder mask opening: 0.325 ± 0.02 mm
The trace to each pad should enter the pad with a 90°entry angle to prevent debris from being caught in deep
corners. Symmetry is important to ensure the solder bumps re-flow evenly and that the device solders level to
the board. In particular, special attention must be paid to the pads for bumps A1-A5, C4, C5, E4, E5, F4 and F5
since PVIN_BOOST, OUT_BOOST, PGND, PVIN_BUCK and ACB may be connected to large copper planes
and inadequate thermal reliefs can result in inadequate re-flow of these bumps.
Typical Solution Size
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com