Electronic Components Datasheet Search
  English  ▼

X  

LM3248 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3248
Description  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter with Boost and Active Current Assist and Analog Bypass (ACB)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3248 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3248 Datasheet HTML 3Page - Texas Instruments LM3248 Datasheet HTML 4Page - Texas Instruments LM3248 Datasheet HTML 5Page - Texas Instruments LM3248 Datasheet HTML 6Page - Texas Instruments LM3248 Datasheet HTML 7Page - Texas Instruments LM3248 Datasheet HTML 8Page - Texas Instruments LM3248 Datasheet HTML 9Page - Texas Instruments LM3248 Datasheet HTML 10Page - Texas Instruments LM3248 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LM3248
www.ti.com
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
SYSTEM CHARACTERISTICS (BUCK)
The following spec table entries are specified by design and verification providing the component values in the Typical
Application Diagram are used: L = 1.5 µH (TOKO 1285AS-H-1R5N); CIN = 10 µF (Murata GRM155R61A106A); and COUT =
10 µF + 4.7 µF (Murata GRM155R61A106A, GRM155R61A475MEAA) + 4 x 1.0 µF (Murata GRM033R60J105M). These
parameters are not verified by production testing.
(1) Min and Max values are specified over the ambient temperature
range TA = −30°C ≤ TA ≤ +90°C. Typical values are specified at VBATT = 3.8V and TA = 25°C unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Time Delay required after
TWarm-Up
BOOST_GATE = HIGH (before
ENABLE = High
30
µs
VCON can change)
Time for VOUT to rise from 0V to
VBATT = 3.8V, RLOAD = 68Ω,
3.4V (90% or 3.06V)
VCON = 0V to 1.36V
15
Time for VOUT to fall from 3.4V to
VBATT = 3.8V, RLOAD = 68Ω,
0V (10% or 0.34V)
VCON = 1.36V to 0V
Time for VOUT to rise from 0.8V to
VBATT = 3.8V, RLOAD = 20Ω,
3.3V (90% or 3.05V)
VCON = 0.32V to 1.32V
10
Time for VOUT to fall from 3.3V to
VBATT = 3.8V, RLOAD = 20Ω,
0.8V (10% or 1.05V)
VCON = 1.32 to 0.32V
Time for VOUT to rise from 1.4V to
VBATT = 3.8V, RLOAD = 6.8Ω,
TRESPONSE
µs
3.4V (90% or 3.2V)
VCON = 0.56V to 1.36V
10
Time for VOUT to fall from 3.4V to
VBATT = 3.8V, RLOAD = 6.8Ω,
1.4V (10% or 1.6V)
VCON = 1.36V to 0.56V
VBATT = 3.8V, RLOAD = 2.2Ω,
Time for VOUT to rise from 1.8V to
VCON = 0.72V to 1.12V
2.8V (93% or 2.73V)
MODE = 2G
15
VBATT = 3.8V, RLOAD = 2.2Ω
Time for VOUT to fall from 2.8V to
VCON = 1.12V to 0.72V
1.8V (7% or 1.87V)
MODE = 2G
Positive transient peak current
ILIM,PFET,Transient
VOUT = 1.5V
(2)
1.9
2.1
A
limit
VBATT ≥ 2.88V, VCON = 1.48V (VOUT =
3.7V), PWM mode, switcher plus ACB
2.0
current
Maximum load current in PWM
IOUT_MAX, PWM
VBATT ≥ 3.0V, VCON = 1.48V (VOUT = 3.7V),
A
mode
2.3
PWM mode, switcher plus ACB current
VCON = 1.2V (VOUT = 3.0V), PWM mode,
2.5
switcher plus ACB current
Load current to enter into PFM
VBATT/VOUT = 3.6/3.3V, 4.2/4.0V,
IOUT_PFM
mode at high duty cycle (D > 0.85
35
mA
BOOST_GATE = LOW
AND Boost in Bypass)
Maximum load current to enter
IOUT_MAX, PFM
D < 0.85 or SW_BOOST = switching
85
mA
into PFM mode
Maximum output transient pullup
IOUT,PU
3.0
current limit
PWM mode (2), switcher plus ACB current
A
PWM maximum output transient
IOUT,PD_PWM
−3.0
pulldown current limit
VOUT accuracy over output voltage
VOUT_ACC
VOUT = 0.6V to 3.6V
(3)
−3
+3
%
range
(1)
Parameter is specified by design, characterization testing, or statistical analysis. Typical numbers are not verified by production testing,
but do represent the most likely norm.
(2)
Current limit is built-in, fixed, and not adjustable.
(3)
Accuracy limits are ±3% or ±50 mV, whichever is larger.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com