Electronic Components Datasheet Search
  English  ▼

X  

LM3248 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3248
Description  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter with Boost and Active Current Assist and Analog Bypass (ACB)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3248 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3248 Datasheet HTML 6Page - Texas Instruments LM3248 Datasheet HTML 7Page - Texas Instruments LM3248 Datasheet HTML 8Page - Texas Instruments LM3248 Datasheet HTML 9Page - Texas Instruments LM3248 Datasheet HTML 10Page - Texas Instruments LM3248 Datasheet HTML 11Page - Texas Instruments LM3248 Datasheet HTML 12Page - Texas Instruments LM3248 Datasheet HTML 13Page - Texas Instruments LM3248 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
60
65
70
75
80
85
90
95
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Load Current (A)
0.8Vout
1.0Vout
1.5Vout
2.0Vout
2.5Vout
3.0Vout
3.5Vout_Boost
4.0Vout_Boost
C009
60
65
70
75
80
85
90
95
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Load Current (A)
0.8Vout
1.0Vout
1.5Vout
2.0Vout
2.5Vout
3.0Vout
3.5Vout
4.0Vout_Boost
C010
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
Input Voltage (V)
500mA
800mA
1A
1.5A
C006
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
Input Voltage (V)
500mA
800mA
1A
1.5A
C005
2.5
2.6
2.7
2.8
2.9
3.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
C008
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
Input Voltage (V)
500mA
800mA
1A
1.5A
C007
LM3248
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
For all Efficiency vs Load Current graphs, L1=1276AS-H-1R0N, L3=1285AS-H-1R5N.
Switching Frequency
Output Voltage
vs
vs
Input Voltage
Input Voltage (VOUT = 3.0V)
Figure 3.
Figure 4.
Output Voltage
Output Voltage
vs
vs
Input Voltage (VOUT = 3.2V)
Input Voltage (VOUT = 3.4V)
Figure 5.
Figure 6.
Efficiency vs Load Current
Efficiency vs Load Current
VBATT=3.4V, MODE=3G4G, TBOOSTGATE=1ms
VBATT=3.7V, MODE=3G4G, TBOOSTGATE=1ms
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com