Electronic Components Datasheet Search
  English  ▼

X  

LM3248 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3248
Description  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter with Boost and Active Current Assist and Analog Bypass (ACB)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3248 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3248 Datasheet HTML 2Page - Texas Instruments LM3248 Datasheet HTML 3Page - Texas Instruments LM3248 Datasheet HTML 4Page - Texas Instruments LM3248 Datasheet HTML 5Page - Texas Instruments LM3248 Datasheet HTML 6Page - Texas Instruments LM3248 Datasheet HTML 7Page - Texas Instruments LM3248 Datasheet HTML 8Page - Texas Instruments LM3248 Datasheet HTML 9Page - Texas Instruments LM3248 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LM3248
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (BUCK)
Limits in standard typeface are for TA = TJ = 25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−30°C ≤ TA ≤ +90°C). Unless otherwise noted, all specifications apply with VBATT = 3.8V.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VFB,MIN
Feedback voltage at low setting
VCON = 0.16V, MODE = HIGH (1) (2)
0.35
0.4
0.45
V
VCON = 1.6V, MODE = HIGH, VBATT = 5.0V
VFB,MAX
Feedback voltage at high setting
3.88
4.0
4.12
(1) (2)
ILIM,PFET,Steady
Positive steady state peak current
VOUT = 1.5V
(3)
1.34
1.45
1.65
State
limit
Positive Active Current assist
VCON = 0.6V, VACB = 2.8V
IP-ACB,2G
1.40
1.70
2.0
A
Bypass current limit
(3)
NFET Switch negative peak
ILIM,NFET
VCON = 1.0V (3)
−1.50
−1.31
current limit
ISHDN
Shutdown supply current IBATT
ENABLE = LOW (4)
0.02
4
IQ_PFM
ENABLE = HIGH
260
350
µA
DC bias current from VBATT
IQ_PWM
ENABLE = HIGH
1010
1100
FOSC
Internal oscillator frequency
2G/3G/4G mode, PWM mode, average
2.484
2.7
2.916
MHz
(1)
The parameters in the electrical characteristics table are tested under open loop conditions at VBATT = 3.8V unless otherwise specified.
For performance over the input voltage range and closed-loop results, refer to the datasheet curves.
(2)
VOUT-BOOST = VCON * 2.5 + [≈ 450 mV(3G/4G) or ≈ 950 mV(2G)].
(3)
Current limit is built-in, fixed, and not adjustable.
(4)
Shutdown current includes leakage current of PFET.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com