Electronic Components Datasheet Search
  English  ▼

X  

LM3248 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3248
Description  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter with Boost and Active Current Assist and Analog Bypass (ACB)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3248 Datasheet(HTML) 1 Page - Texas Instruments

  LM3248 Datasheet HTML 1Page - Texas Instruments LM3248 Datasheet HTML 2Page - Texas Instruments LM3248 Datasheet HTML 3Page - Texas Instruments LM3248 Datasheet HTML 4Page - Texas Instruments LM3248 Datasheet HTML 5Page - Texas Instruments LM3248 Datasheet HTML 6Page - Texas Instruments LM3248 Datasheet HTML 7Page - Texas Instruments LM3248 Datasheet HTML 8Page - Texas Instruments LM3248 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Apps
Processor
VCC_PA
1.8V Logic
FB_
BUCK
BOOST
BUCK
SW_
BUCK
PVIN_
BUCK
OUT_
BOOST
SW_
BOOST
SGND_
BOOST
BYPASS
CONTROL
ENABLE
BOOST_
GATE
MODE
PVIN_
BOOST
DGND
ACB
SGND_
BUCK
VDD_
BOOST
VDD1_
BUCK
VCON
VDD2_
BUCK
1.5 H
1.0 H
10 F
10 F
10 F
1 F Low ESL
VBATT
2.7V to 5.5V
FB
1 nF
ACB
LM3248
www.ti.com
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
with Boost and Active Current Assist and Analog Bypass (ACB)
Check for Samples: LM3248
1
FEATURES
DESCRIPTION
The LM3248 is a PWM/PFM Boost-Buck DC/DC
2
•
Output Voltage VOUT Adjustable from 0.4V to
converter that provides efficient utilization of battery
4.0V (typ.)
power over a wide voltage range. The device
•
Input Voltage Range VIN from 2.7V to 5.5V
architecture is suitable for advanced RF front-end
•
Boost-Buck and Buck (Boost-Bypass)
systems that demand dynamic voltage and current to
support
converged
power
amplifier
architectures
Operating Modes with Seamless Transition
operating in 2G/3G/4G and 3GPP/LTE modes. For
•
2.5A Load Current Capability
example, the LM3248 is designed to produce higher
•
High Conversion Efficiency (> 90% typ.)
output voltages while maintaining PFM mode as
•
High-Efficiency PFM/PWM Modes with
required by some new reduced-power CMOS PAs.
The extremely fast Boost-Buck function reduces RF
Seamless Transition
PA overhead power dissipation, extending battery talk
•
Very Fast Transient Response: 10 µs
time. The device will operate at input voltage VIN
•
ACB Reduces Inductor Size Requirements
range of 2.7V to 5.5V and an adjustable output
•
Dither to aid RX Band Noise Compliance
voltage VOUT range of 0.4V to 4.0V at a maximum
current load of 2.5A.
APPLICATIONS
The LM3248 is available in a 30-bump, lead-free thin
DSBGA package.
•
Multi-mode 2G/3G/4G and 3GPP/LTE Smart-
phones and Tablets
•
Hand-Held Radios
•
RF Mobile Devices
Typical Application Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3248

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248TME/NOPB TI1-LM3248TME/NOPB Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248TMENOPB TI1-LM3248TMENOPB Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248TMX/NOPB TI1-LM3248TMX/NOPB Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
More results

Similar Description - LM3248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
logo
Linear Technology
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
15V, 2.5A Synchronous Buck-Boost DC/DC Converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
Buck-boost DC-DC converter
29-Oct-2014
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com