Electronic Components Datasheet Search
  English  ▼

X  

LM3248 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3248
Description  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter with Boost and Active Current Assist and Analog Bypass (ACB)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3248 Datasheet(HTML) 5 Page - Texas Instruments

  LM3248 Datasheet HTML 1Page - Texas Instruments LM3248 Datasheet HTML 2Page - Texas Instruments LM3248 Datasheet HTML 3Page - Texas Instruments LM3248 Datasheet HTML 4Page - Texas Instruments LM3248 Datasheet HTML 5Page - Texas Instruments LM3248 Datasheet HTML 6Page - Texas Instruments LM3248 Datasheet HTML 7Page - Texas Instruments LM3248 Datasheet HTML 8Page - Texas Instruments LM3248 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM3248
www.ti.com
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
ELECTRICAL CHARACTERISTICS (BOOST)
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the full operating ambient temperature range
(
−30°C ≤ TA ≤ +90°C). Unless otherwise noted, all specifications apply with VBATT = 3.0V and Buck in IDLE state.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Open Loop (1), VCON = 1.44V,
ILIM-BOOST,PFET
PFET valley current limit
4.1
A
VOUT_BUCK = 3.6V
Boost internal oscillator
FOSC-Boost
2G/3G/4G mode, PWM mode, average
2.7
MHz
frequency
(1)
Current limit is built-in, fixed, and not adjustable.
SYSTEM CHARACTERISTICS (BOOST)
The following spec table entries are specified by design and verifications providing the component values in the Typical
Application Diagram are used: L = 1.0 µH (TOKO 1276AS-H-1R0N); CIN = 10 µF (Murata GRM155R61A106M); and COUT =
1µF (Taiyo Yuden LWK107B7105KA-T) + 10 µF (Murata GRM155R61A106M). These parameters are not verified by
production testing.
(1) (The Boost stage output voltage equation is given in (2).) Min and Max values are specified over the
ambient temperature range TA = −30°C ≤ TA ≤ 90°C. Unless otherwise noted, typical values are specified at VBATT = 3.0V,
Buck in IDLE, and TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Boost Bypass mode
2.7
5.5
V
VCON = 1.60V , MODE = LOW (3G/4G),
4.45
VOUT_BOOST
Boost output voltage
Load = 100 mA (2)
VCON = 1.46V , MODE = HIGH (2G),
4.65
Load = 100 mA (2)
MODE = LOW; BOOST_GATE = HIGH;
mV
SW_BOOST = switching;
–50
0
37
VCON = (VBATT - VGOTOBOOST)/2.5
VGOTOBOOST
Boost turn-on threshold voltage
MODE = HIGH; BOOST_GATE = HIGH;
SW_BOOST = switching;
125
VCON = (VBATT - VGOTOBOOST)/2.5
Minimum time from ENABLE =
TENABLE to
Initially in Idle State: Boost in 0% duty cycle
HIGH (and remains steady) to
25
BOOST_GATE
(bypass)
BOOST_GATE rising edge
µs
TBOOST_GATE_Active
Minimum time to assert
BOOST_GATE signal must remain HIGH
BOOST_GATE signal before
45
during this interval
next TTI slot boundary
Max input current averaged
VBATT = 2.7V, VOUT_BOOST = 4.2V
IIN-BOOST-MAX
3.5
A
across a 2G burst (RMS)
PA active during GSM burst (2)
Duty CycleMAX-
PWM maximum duty cycle
IOUT-BOOST < 1 mA
70
%
BOOST
VBATT = 3.4V to 3.7V, ΔV = ±300 mV,
VLINE-TR
Line transient response
TR =TF = 10 µs, VOUT_BUCK = 3.7V,
150
RLOAD_BUCK = 4Ω, MODE = 3G/4G
(2)
mVpp
VBATT = 2.7V, IOUT_BUCK = 10 mA to 850
mA,
VLOAD-TR
Load transient response
600
IOUT, TR = TF = 10 µs
VOUT_BUCK = 3.7V, MODE = 3G/4G
(2)
VBATT = 2.7V, VBOOST = 3.4V, IOUT = 2A,
Boost ripple voltage at worst-
VBOOST-RIPPLE
2G mode (Sufficient overhead between
100
mVpp
case conditions
VBOOST and VOUT )
(1)
Parameter is specified by design, characterization testing, or statistical analysis. Typical numbers are not verified by production testing,
but do represent the most likely norm.
(2)
VOUT-BOOST = VCON * 2.5 + [≈ 450 mV(3G/4G) or ≈ 950 mV(2G)].
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com