Electronic Components Datasheet Search
  English  ▼

X  

LM628 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM628
Description  LM628/LM629 Precision Motion Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM628 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM628 Datasheet HTML 13Page - Texas Instruments LM628 Datasheet HTML 14Page - Texas Instruments LM628 Datasheet HTML 15Page - Texas Instruments LM628 Datasheet HTML 16Page - Texas Instruments LM628 Datasheet HTML 17Page - Texas Instruments LM628 Datasheet HTML 18Page - Texas Instruments LM628 Datasheet HTML 19Page - Texas Instruments LM628 Datasheet HTML 20Page - Texas Instruments LM628 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LM628, LM629
www.ti.com
SNVS781C – JUNE 1999 – REVISED MARCH 2013
Table 3. Mask and Reset Bit Allocations for Interrupts
Bit Position
Function
Bits 15 thru 7
Not Used
Bit 6
Breakpoint Interrupt
Bit 5
Position-Error Interrupt
Bit 4
Wrap-Around Interrupt
Bit 3
Index-Pulse Interrupt
Bit 2
Trajectory-Complete Interrupt
Bit 1
Command-Error Interrupt
Bit 0
Not Used
RSTI COMMAND: RESET INTERRUPTS
Command Code: 1D Hex
Data Bytes: Two
Data Range: See Text
Executable During Motion: Yes
When one of the potential interrupt conditions of Table 3 occurs, command RSTI is used to reset the
corresponding interrupt flag bit in the status byte. The host may reset one or all flag bits. Resetting them one at a
time allows the host to service them one at a time according to a priority programmed by the user. As in the
MSKI command, bits 1 through 6 of the second (less significant) byte correspond to the potential interrupt
conditions shown in Table 3. Also see description of RDSTAT command. Any zero(s) in this 6-bit field reset the
corresponding interrupt(s). The remaining bits have no effect.
Filter Control Commands
The following two LM628 user commands are used for setting the derivative-term sampling interval, for adjusting
the filter parameters as required to tune the system, and to control the timing of these system changes.
LFIL COMMAND: LOAD FILTER PARAMETERS
Command Code: 1E Hex
Data Bytes: Two to Ten
Data Ranges…
Filter Control Word: See Text
Filter Coefficients: 0000 to 7FFF Hex (Pos Only)
Integration Limit: 0000 to 7FFF Hex (Pos Only)
Executable During Motion: Yes
The filter parameters (coefficients) which are written to the LM628 to control loop compensation are: kp, ki, kd,
and il (integration limit). The integration limit (il) constrains the contribution of the integration term
(2)
(see Equation 1) to values equal to or less than a user-defined maximum value; this capability minimizes integral
or reset “wind-up” (an overshooting effect of the integral action). The positive-only input value is compared to the
absolute magnitude of the integration term; when the magnitude of integration term value exceeds il, the il value
(with appropriate sign) is substituted for the integration term value.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM628 LM629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com