Electronic Components Datasheet Search
  English  ▼

X  

LM628 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM628
Description  LM628/LM629 Precision Motion Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM628 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM628 Datasheet HTML 16Page - Texas Instruments LM628 Datasheet HTML 17Page - Texas Instruments LM628 Datasheet HTML 18Page - Texas Instruments LM628 Datasheet HTML 19Page - Texas Instruments LM628 Datasheet HTML 20Page - Texas Instruments LM628 Datasheet HTML 21Page - Texas Instruments LM628 Datasheet HTML 22Page - Texas Instruments LM628 Datasheet HTML 23Page - Texas Instruments LM628 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LM628, LM629
SNVS781C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Table 6. Trajectory Control Word Bit Allocation (continued)
Bit Position
Function
Bit 1
Position Will Be Loaded
Bit 0
Position Data Is Relative
Bit 12 determines the motor direction when in the velocity mode. A logic one indicates forward direction. This bit
has no effect when in position mode.
Bit 11 determines whether the LM628 operates in velocity mode (Bit 11 logic one) or position mode (Bit 11 logic
zero).
Bits 8 through 10 are used to select the method of manually stopping the motor. These bits are not provided for
one to merely specify the desired mode of stopping, in position mode operations, normal stopping is always
smooth and occurs automatically at the end of the specified trajectory. Under exceptional circumstances it may
be desired to manually intervene with the trajectory generation process to affect a premature stop. In velocity
mode operations, however, the normal means of stopping is via bits 8 through 10 (usually bit 10). Bit 8 is set to
logic one to stop the motor by turning off motor drive output (outputting the appropriate offset-binary code to
apply zero drive to the motor); bit 9 is set to one to stop the motor abruptly (at maximum available acceleration,
by setting the target position equal to the current position); and bit 10 is set to one to stop the motor smoothly by
using the current user-programmed acceleration value. Bits 8 through 10 are to be used exclusively; only one bit
should be a logic one at any time.
Bits 0 through 5 inform the LM628 as to whether any or all of the trajectory controlling parameters are about to
be written, and whether the data should be interpreted as absolute or relative. The user may choose to update
any or all (or none) of the trajectory parameters. Those chosen for updating are so indicated by logic one(s) in
the corresponding bit position(s). Any parameter may be changed while the motor is in motion; however, if
acceleration is changed then the next STT command must not be issued until the LM628 has completed the
current move or has been manually stopped.
The data bytes specified by and immediately following the trajectory control word are written in pairs which
comprise 16-bit words. Each data item (parameter) requires two 16-bit words; the word and byte order is most-to-
least significant. The order of sending the parameters to the LM628 corresponds to the descending order shown
in the above description of the trajectory control word; i.e., beginning with acceleration, then velocity, and finally
position.
Acceleration and velocity are 32 bits, positive only, but range only from 0 (00000000 hex) to [230]
−1 (3FFFFFFF
hex). The bottom 16 bits of both acceleration and velocity are scaled as fractional data; therefore, the least-
significant integer data bit for these parameters is bit 16 (where the bits are numbered 0 through 31). To
determine the coding for a given velocity, for example, one multiplies the desired velocity (in counts per sample
interval) times 65,536 and converts the result to binary. The units of acceleration are counts per sample per
sample. The value loaded for acceleration must not exceed the value loaded for velocity. Position is a signed,
32-bit integer, but ranges only from
−[230] (C0000000 hex) to [230]−1 (3FFFFFFF Hex).
The required data is written to the primary buffers of a double-buffered scheme by the above described
operations; it is not transferred to the secondary (working) registers until the STT command is executed. This fact
can be used advantageously; the user can input numerous data ahead of their actual use. This simple pipeline
effect
can
relieve
potential
host
computer
data
communications
bottlenecks,
and
facilitates
easier
synchronization of multiple-axis controls.
STT COMMAND: START MOTION CONTROL
Command Code: 01 Hex
Data Bytes: None
Executable During Motion: Yes, if acceleration has not been changed
20
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM628 LM629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com