Electronic Components Datasheet Search
  English  ▼

X  

LM628 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM628
Description  LM628/LM629 Precision Motion Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM628 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM628 Datasheet HTML 10Page - Texas Instruments LM628 Datasheet HTML 11Page - Texas Instruments LM628 Datasheet HTML 12Page - Texas Instruments LM628 Datasheet HTML 13Page - Texas Instruments LM628 Datasheet HTML 14Page - Texas Instruments LM628 Datasheet HTML 15Page - Texas Instruments LM628 Datasheet HTML 16Page - Texas Instruments LM628 Datasheet HTML 17Page - Texas Instruments LM628 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LM628, LM629
SNVS781C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
User Command Set
GENERAL
The following paragraphs describe the user command set of the LM628. Some of the commands can be issued
alone and some require a supporting data structure. As examples, the command STT (STarT motion) does not
require additional data; command LFIL (Load FILter parameters) requires additional data (derivative-term
sampling interval and/or filter parameters).
Commands are categorized by function: initialization, interrupt control, filter control, trajectory control, and data
reporting. The commands are listed in Table 2 and described in the following paragraphs. Along with each
command name is its command-byte code, the number of accompanying data bytes that are to be written (or
read), and a comment as to whether the command is executable during motion.
Initialization Commands
The following four LM628 user commands are used primarily to initialize the system for use.
RESET COMMAND: RESET THE LM628
Command Code: 00 Hex
Data Bytes: None
Executable During Motion: Yes
This command (and the hardware reset input, Pin 27) results in setting the following data items to zero: filter
coefficients and their input buffers, trajectory parameters and their input buffers, and the motor control output. A
zero motor control output is a half-scale, offset-binary code: (80 hex for the 8-bit output mode; 800 hex for 12-bit
mode). During reset, the DAC port outputs 800 hex to “zero” a 12-bit DAC and reverts to 80 hex to “zero” an 8-bit
DAC. The command also clears five of the six interrupt masks (only the SBPA/SBPR interrupt is masked), sets
the output port size to 8 bits, and defines the current absolute position as home. Reset, which may be executed
at any time, will be completed in less than 1.5 ms. Also see commands PORT8 and PORT12.
PORT8 COMMAND: SET OUTPUT PORT SIZE TO 8 BITS
Command Code: 05 Hex
Data Bytes: None
Executable During Motion: Not Applicable
The default output port size of the LM628 is 8 bits; so the PORT8 command need not be executed when using
an 8-bit DAC. This command must not be executed when using a 12-bit converter; it will result in erratic,
unpredictable motor behavior. The 8-bit output port size is the required selection when using the LM629, the
PWM-output version of the LM628.
PORT12 COMMAND: SET OUTPUT PORT SIZE TO 12 BITS
Command Code: 06 Hex
Data Bytes: None
Executable During Motion: Not Applicable
When a 12-bit DAC is used, command PORT12 should be issued very early in the initialization process. Because
use of this command is determined by system hardware, there is only one foreseen reason to execute it later: if
the RESET command is issued (because an 8-bit output would then be selected as the default) command
PORT12 should be immediately executed. This command must not be issued when using an 8-bit converter or
the LM629, the PWM-output version of the LM628.
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM628 LM629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com