Electronic Components Datasheet Search
  English  ▼

X  

LM628 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM628
Description  LM628/LM629 Precision Motion Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM628 Datasheet(HTML) 1 Page - Texas Instruments

  LM628 Datasheet HTML 1Page - Texas Instruments LM628 Datasheet HTML 2Page - Texas Instruments LM628 Datasheet HTML 3Page - Texas Instruments LM628 Datasheet HTML 4Page - Texas Instruments LM628 Datasheet HTML 5Page - Texas Instruments LM628 Datasheet HTML 6Page - Texas Instruments LM628 Datasheet HTML 7Page - Texas Instruments LM628 Datasheet HTML 8Page - Texas Instruments LM628 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LM628, LM629
www.ti.com
SNVS781C – JUNE 1999 – REVISED MARCH 2013
LM628/LM629 Precision Motion Controller
Check for Samples: LM628, LM629
1
FEATURES
DESCRIPTION
The
LM628/LM629
are
dedicated
motion-control
2
•
32-bit Position, Velocity, And Acceleration
processors designed for use with a variety of DC and
Registers
brushless
DC
servo
motors,
and
other
•
Programmable Digital PID Filter with 16-bit
servomechanisms
which
provide
a
quadrature
Coefficients
incremental position feedback signal. The parts
perform the intensive, real-time computational tasks
•
Programmable Derivative Sampling Interval
required for high performance digital motion control.
•
8- or 12-bit DAC Output Data (LM628)
The host control software interface is facilitated by a
•
8-bit Sign-magnitude PWM Output Data
high-level command set. The LM628 has an 8-bit
(LM629)
output which can drive either an 8-bit or a 12-bit
DAC. The components required to build a servo
•
Internal Trapezoidal Velocity Profile Generator
system are reduced to the DC motor/actuator, an
•
Velocity, Target Position, and Filter
incremental encoder, a DAC, a power amplifier, and
Parameters may be Changed During Motion
the LM628. An LM629-based system is similar,
•
Position and Velocity Modes of Operation
except that it provides an 8-bit PWM output for
directly driving H-switches. The parts are fabricated in
•
Real-time Programmable Host Interrupts
NMOS and packaged in a 28-pin dual in-line package
•
8-bit Parallel Asynchronous Host Interface
or a SOIC-24 package (LM629 only). Both 6 MHz and
•
Quadrature Incremental Encoder Interface with
8 MHz maximum frequency versions are available
Index Pulse Input
with the suffixes -6 and -8, respectively, used to
designate the versions. They incorporate an SDA
•
Available in a 28-pin Dual In-line Package or a
core processor and cells designed by SDA.
SOIC-24 Package (LM629 Only)
Figure 1. Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM628

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM628 NSC-LM628 Datasheet
630Kb / 24P
Precision Motion Controller
logo
Texas Instruments
LM628 TI-LM628 Datasheet
1Mb / 35P
LM628/LM629 Precision Motion Controller
logo
National Semiconductor ...
LM628N-6 NSC-LM628N-6 Datasheet
630Kb / 24P
Precision Motion Controller
logo
Texas Instruments
LM628N-6 TI1-LM628N-6 Datasheet
1Mb / 35P
LM628/LM629 Precision Motion Controller
LM628N-6 TI-LM628N-6 Datasheet
1Mb / 35P
LM628/LM629 Precision Motion Controller
More results

Similar Description - LM628

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM628 NSC-LM628 Datasheet
630Kb / 24P
Precision Motion Controller
logo
National Instruments Co...
PCI-7390 NI-PCI-7390 Datasheet
593Kb / 5P
4-Axis Position (Pulse) Command Motion Controller
logo
Texas Instruments
LM628N-6 TI1-LM628N-6 Datasheet
1Mb / 35P
LM628/LM629 Precision Motion Controller
LM628N-6 TI-LM628N-6 Datasheet
1Mb / 35P
LM628/LM629 Precision Motion Controller
logo
List of Unclassifed Man...
SV7-S-AF ETC2-SV7-S-AF Datasheet
207Kb / 4P
Motion Controller Compatible Servo Drive
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
logo
Adlink Technology Inc.
PCI-8102 ADLINK-PCI-8102 Datasheet
448Kb / 1P
Advanced 2-axis Servo & Stepper Motion Controller
logo
Contec Co., Ltd
SMC-4DL-PE CONTEC-SMC-4DL-PE Datasheet
686Kb / 6P
Motion Controller Board for PCI Express
logo
Schneider Electric
TM262M15MESS8T SCHNEIDER-TM262M15MESS8T Datasheet
370Kb / 13P
Motion Controller M262, 5ns/ instruction, , Ethernet, Sercos
Apr 6, 2022
logo
New Scale Technologies,...
M3-L NEWSCALE-M3-L Datasheet
273Kb / 2P
Smart Module for Precision Motion
01-13-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com