Electronic Components Datasheet Search
  English  ▼

X  

LM628 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM628
Description  LM628/LM629 Precision Motion Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM628 Datasheet(HTML) 3 Page - Texas Instruments

  LM628 Datasheet HTML 1Page - Texas Instruments LM628 Datasheet HTML 2Page - Texas Instruments LM628 Datasheet HTML 3Page - Texas Instruments LM628 Datasheet HTML 4Page - Texas Instruments LM628 Datasheet HTML 5Page - Texas Instruments LM628 Datasheet HTML 6Page - Texas Instruments LM628 Datasheet HTML 7Page - Texas Instruments LM628 Datasheet HTML 8Page - Texas Instruments LM628 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LM628, LM629
www.ti.com
SNVS781C – JUNE 1999 – REVISED MARCH 2013
DC Electrical Characteristics
(VDD and TA per Operating Ratings; fCLK = 6 MHz)
Tested Limits
Symbol
Parameter
Conditions
Units
Min
Max
IDD
Supply Current
Outputs Open
110
mA
INPUT VOLTAGES
VIH
Logic 1 Input Voltage
2.0
V
VIL
Logic 0 Input Voltage
0.8
V
IIN
Input Currents
0
≤ VIN ≤ VDD
−10
10
μA
OUTPUT VOLTAGES
VOH
Logic 1
IOH = −1.6 mA
2.4
V
VOL
Logic 0
IOL = 1.6 mA
0.4
V
IOUT
TRI-STATE Output Leakage Current
0
≤ VOUT ≤ VDD
−10
10
μA
AC Electrical Characteristics
(VDD and TA per Operating Ratings; fCLK = 6 MHz; CLOAD = 50 pF; Input Test Signal tr = tf = 10 ns)
Tested Limits
Timing Interval
T#
Units
Min
Max
ENCODER AND INDEX TIMING (See Figure 3)
Motor-Phase Pulse Width
T1
μs
T2
Dwell-Time per State
μs
Index Pulse Setup and Hold
T3
0
μs
(Relative to A and B Low)
CLOCK AND RESET TIMING (See Figure 4)
LM628N-6, LM629N-6,
T4
78
ns
LM629M-6
Clock Pulse Width
LM628N-8, LM629N-8,
T4
57
ns
LM629M-8
LM628N-6, LM629N-6,
T5
166
ns
LM629M-6
Clock Period
LM628N-8, LM629N-8,
T5
125
ns
LM629M-8
T6
Reset Pulse Width
μs
STATUS BYTE READ TIMING (See Figure 5)
Chip-Select Setup/Hold Time
T7
0
ns
Port-Select Setup Time
T8
30
ns
Port-Select Hold Time
T9
30
ns
Read Data Access Time
T10
180
ns
Read Data Hold Time
T11
0
ns
RD High to Hi-Z Time
T12
180
ns
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM628 LM629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com