Electronic Components Datasheet Search
  English  ▼

X  

LM628 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM628
Description  LM628/LM629 Precision Motion Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM628 Datasheet(HTML) 2 Page - Texas Instruments

  LM628 Datasheet HTML 1Page - Texas Instruments LM628 Datasheet HTML 2Page - Texas Instruments LM628 Datasheet HTML 3Page - Texas Instruments LM628 Datasheet HTML 4Page - Texas Instruments LM628 Datasheet HTML 5Page - Texas Instruments LM628 Datasheet HTML 6Page - Texas Instruments LM628 Datasheet HTML 7Page - Texas Instruments LM628 Datasheet HTML 8Page - Texas Instruments LM628 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LM628, LM629
SNVS781C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Connection Diagrams
LM628N
LM629N
LM629M
*Do not connect.
Figure 2. See Package Number DW or N
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Voltage at Any Pin with
Respect to GND
−0.3V to +7.0V
Ambient Storage Temperature
−65°C to +150°C
28-pin PDIP Package (Soldering, 4 sec.)
260°C
Lead Temperature
24-pin SOIC Package (Soldering, 10 sec.)
300°C
Maximum Power Dissipation (TA ≤ 85°C)
(3)
605 mW
ESD Tolerance
(CZAP = 120 pF, RZAP = 1.5k)
1000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond the above Operating Ratings.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
When operating at ambient temperatures above 70°C, the device must be protected against excessive junction temperatures. Mounting
the package on a printed circuit board having an area greater than three square inches and surrounding the leads and body with wide
copper traces and large, uninterrupted areas of copper, such as a ground plane, suffices. The 28-pin DIP (N) and the 24-pin surface
mount package (M) are molded plastic packages with solid copper lead frames. Most of the heat generated at the die flows from the die,
through the copper lead frame, and into copper traces on the printed circuit board. The copper traces act as a heat sink. Double-sided
or multi-layer boards provide heat transfer characteristics superior to those of single-sided boards.
Operating Ratings
Temperature Range
−40°C < TA < +85°C
LM628N-6, LM629N-6, LM629M-6
1.0 MHz < fCLK < 6.0 MHz
Clock Frequency
LM628N-8, LM629N-8, LM629M-8
1.0 MHz < fCLK < 8.0 MHz
VDD Range
4.5V < VDD < 5.5V
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM628 LM629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com