Electronic Components Datasheet Search
  English  ▼

X  

LM628 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM628
Description  LM628/LM629 Precision Motion Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM628 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM628 Datasheet HTML 15Page - Texas Instruments LM628 Datasheet HTML 16Page - Texas Instruments LM628 Datasheet HTML 17Page - Texas Instruments LM628 Datasheet HTML 18Page - Texas Instruments LM628 Datasheet HTML 19Page - Texas Instruments LM628 Datasheet HTML 20Page - Texas Instruments LM628 Datasheet HTML 21Page - Texas Instruments LM628 Datasheet HTML 22Page - Texas Instruments LM628 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LM628, LM629
www.ti.com
SNVS781C – JUNE 1999 – REVISED MARCH 2013
Trajectory Control Commands
The following two LM628 user commands are used for setting the trajectory control parameters (position,
velocity, acceleration), mode of operation (position or velocity), and direction (velocity mode only) as required to
describe a desired motion or to select the mode of a manually directed stop, and to control the timing of these
system changes.
LTRJ COMMAND: LOAD TRAJECTORY PARAMETERS
Command Code:
1F Hex
Data Bytes:
Two to Fourteen
Data Ranges…
Trajectory Control
Word:
See Text
Position:
C0000000 to 3FFFFFFF Hex
Velocity:
00000000 to 3FFFFFFF Hex
(Pos Only)
Acceleration:
00000000 to 3FFFFFFF Hex
(Pos Only)
Executable During
Motion:
Conditionally, See Text
Table 5. Derivative-Term Sampling Interval Selection Codes
Bit Position
Selected Derivative
15
14
13
12
11
10
9
8
Sampling Interval
0
0
0
0
0
0
0
0
256
μs
0
0
0
0
0
0
0
1
512
μs
0
0
0
0
0
0
1
0
768
μs
0
0
0
0
0
0
1
1
1024
μs, etc…
thru
1
1
1
1
1
1
1
1
65,536
μs
The trajectory control parameters which are written to the LM628 to control motion are: acceleration, velocity,
and position. In addition, indications as to whether these three parameters are to be considered as absolute or
relative inputs, selection of velocity mode and direction, and manual stopping mode selection and execution are
programmable via this command. After writing the command code, the first two data bytes that are written specify
which parameter(s) is/are being changed. The first byte written is the more significant. Thus the two data bytes
constitute a trajectory control word that informs the LM628 as to the nature and number of any following data
bytes. See Table 6.
Table 6. Trajectory Control Word Bit Allocation
Bit Position
Function
Bit 15
Not Used
Bit 14
Not Used
Bit 13
Not Used
Bit 12
Forward Direction (Velocity Mode Only)
Bit 11
Velocity Mode
Bit 10
Stop Smoothly (Decelerate as Programmed)
Bit 9
Stop Abruptly (Maximum Deceleration)
Bit 8
Turn Off Motor (Output Zero Drive)
Bit 7
Not Used
Bit 6
Not Used
Bit 5
Acceleration Will Be Loaded
Bit 4
Acceleration Data Is Relative
Bit 3
Velocity Will Be Loaded
Bit 2
Velocity Data Is Relative
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM628 LM629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com