Electronic Components Datasheet Search
  English  ▼

X  

LM5030 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5030
Description  LM5030 100-V Push-Pull Current Mode PWM Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5030 Datasheet(HTML) 4 Page - Texas Instruments

  LM5030 Datasheet HTML 1Page - Texas Instruments LM5030 Datasheet HTML 2Page - Texas Instruments LM5030 Datasheet HTML 3Page - Texas Instruments LM5030 Datasheet HTML 4Page - Texas Instruments LM5030 Datasheet HTML 5Page - Texas Instruments LM5030 Datasheet HTML 6Page - Texas Instruments LM5030 Datasheet HTML 7Page - Texas Instruments LM5030 Datasheet HTML 8Page - Texas Instruments LM5030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LM5030
SNVS215D – APRIL 2003 – REVISED NOVEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN to GND (Survival)
–0.3
100
V
VCC to GND (Survival)
–0.3
16
V
RT to GND (Survival)
–0.3
5.5
V
All other pins to GND (Survival)
–0.3
7
V
Power dissipation
Internally Limited
Lead temperature
(soldering 4 seconds)
260
°C
Operating junction temperature
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Machine model (MM)
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
14
90
V
TJ Operating junction temperature
–40
105
°C
6.4 Thermal Information
LM5030
THERMAL METRIC(1)
DGS (VSSOP)
DPR (WSON)
UNIT
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
158.8
38.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
53.6
137.1
°C/W
RθJB
Junction-to-board thermal resistance
74.8
15.2
°C/W
ψJT
Junction-to-top characterization parameter
5.3
0.4
°C/W
ψJB
Junction-to-board characterization parameter
77.6
15.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
4.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LM5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com