Electronic Components Datasheet Search
  English  ▼

X  

LM5030 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5030
Description  LM5030 100-V Push-Pull Current Mode PWM Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5030 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5030 Datasheet HTML 8Page - Texas Instruments LM5030 Datasheet HTML 9Page - Texas Instruments LM5030 Datasheet HTML 10Page - Texas Instruments LM5030 Datasheet HTML 11Page - Texas Instruments LM5030 Datasheet HTML 12Page - Texas Instruments LM5030 Datasheet HTML 13Page - Texas Instruments LM5030 Datasheet HTML 14Page - Texas Instruments LM5030 Datasheet HTML 15Page - Texas Instruments LM5030 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
RT =
(1/F) - 172 x 10
-9
182 x 10
-12
LM5030
SNVS215D – APRIL 2003 – REVISED NOVEMBER 2015
www.ti.com
Feature Description (continued)
7.3.5 Oscillator, Shutdown and Sync Capability
The LM5030 oscillator is set by a single external resistor connected between the RT pin and return. To set a
desired oscillator frequency, the necessary RT resistor can be calculated in Equation 1:
(1)
Each output switches at half the oscillator frequency in a push-pull configuration. The LM5030 can also be
synchronized to an external clock. The external clock must be of higher frequency than the free running
frequency set by the RT resistor. The clock signal should be capacitively coupled into the RT pin with a 100-pF
capacitor. A peak voltage level greater than 3 V with respect to ground is required for detection of the sync pulse.
The sync pulse width should be set in the 15- to 150-ns range by the external components. The RT resistor is
always required, whether the oscillator is free running or externally synchronized. The voltage at the RT pin is
internally regulated to a nominal 2 V.
Locate the RT resistor close to the device and connected directly to the pins of the IC (RT and GND).
7.3.6 Slope Compensation
The PWM comparator compares the current sense signal to the voltage derived from the COMP pin. The COMP
voltage is set by either the internal error amplifier or an external error amplifier through an optocoupler. At duty
cycles greater than 50% (composite of alternating outputs) current mode control circuits are prone to
subharmonic oscillation. By adding an additional ramp signal to the current sense ramp signal this condition can
be avoided. The LM5030 integrates this slope compensation by buffering the internal oscillator ramp and
summing it internally to the current sense (CS) signal. Additional slope compensation may be added by
increasing the source impedance of the current sense signal.
7.3.7 Soft Start and Shutdown
The soft-start feature allows the converter to gradually reach the initial steady state operating point, thus reducing
start-up stresses and surges. An internal 10-
μA current source and an external capacitor generate a ramping
voltage signal that limits the error amplifier output during start-up. In the event of a second level current limit fault,
the soft-start capacitor will be fully discharged which disables the output drivers. When the fault condition is no
longer present, the soft-start capacitor is released to ramp and gradually restart the converter. The SS pin can
also be used to disable the controller. If the SS pin voltage is pulled down below 0.45 V (nominal) the controller
will disable the outputs and enter a low power state.
7.3.8 OUT1, OUT2, and Time Delay
The LM5030 provides two alternating outputs, OUT1 and OUT2. The internal gate drivers can each sink 1.5-A
peak each. The maximum duty cycle for each output is inherently limited to less than 50%. The typical deadtime
between the falling edge of one gate driver output and the rising edge of the other gate driver output is 135 ns.
7.3.9 Thermal Protection
Internal thermal-shutdown circuitry is provided to protect the integrated circuit in the event the excessive junction
temperature. When activated, typically at 165°C, the controller is forced into a low-power reset state, disabling
the output drivers and the bias regulator. This feature is provided to prevent catastrophic failures from accidental
device overheating.
12
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LM5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com