Electronic Components Datasheet Search
  English  ▼

X  

LM5030 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5030
Description  LM5030 100-V Push-Pull Current Mode PWM Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5030 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5030 Datasheet HTML 6Page - Texas Instruments LM5030 Datasheet HTML 7Page - Texas Instruments LM5030 Datasheet HTML 8Page - Texas Instruments LM5030 Datasheet HTML 9Page - Texas Instruments LM5030 Datasheet HTML 10Page - Texas Instruments LM5030 Datasheet HTML 11Page - Texas Instruments LM5030 Datasheet HTML 12Page - Texas Instruments LM5030 Datasheet HTML 13Page - Texas Instruments LM5030 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LOGIC
OSC
VIN
VCC
CS
0.5V
0.625V
LOGIC
OUT1
OUT2
GND
7.7V SERIES
REGULATOR
GENERATOR
REFERENCE
SLOPECOMP RAMP
GENERATOR
DRIVER
DRIVER
PWM
Rt / SYNC
45PA
0
CLK
SS
VCC
VCC
SHUTDOWN
COMPARATOR
ENABLE
ENABLE
2k
5V
1.25V
ERROR AMP
SOFT START 10PA
0.45V
VFB
5k
5V
1.4V
100k
50k
COMP
1.25V
SS
+
-
+
-
+
-
+
-
CLK
CLR
SET
J
Q
K
Q
CLR
SET
S
Q
R
Q
LM5030
SNVS215D – APRIL 2003 – REVISED NOVEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM5030 high-voltage PWM controller contains all of the features needed to implement push-pull and bridge
topologies, using current-mode control in a small 10-pin package. Features included are, start-up regulator, dual
mode current limit, dual alternating gate drivers, thermal shutdown, softstart, and slope compensation. This high
speed IC has total propagation delays < 100 ns. The functional block diagram of the LM5030 is shown in
Functional Block Diagram.
The LM5030 is designed for current-mode control converters that require alternating outputs, such as push-pull
and half- and full-bridge topologies. The features included in the LM5030 enable all of the advantages of current-
mode control, line feed-forward, cycle-by-cycle current limit, and simplified loop compensation. The oscillator
ramp is internally buffered and added to the PWM comparator input to provide the necessary slope
compensation for current-mode control at higher duty cycles.
7.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LM5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com