Electronic Components Datasheet Search
  English  ▼

X  

LM5030 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5030
Description  LM5030 100-V Push-Pull Current Mode PWM Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5030 Datasheet(HTML) 1 Page - Texas Instruments

  LM5030 Datasheet HTML 1Page - Texas Instruments LM5030 Datasheet HTML 2Page - Texas Instruments LM5030 Datasheet HTML 3Page - Texas Instruments LM5030 Datasheet HTML 4Page - Texas Instruments LM5030 Datasheet HTML 5Page - Texas Instruments LM5030 Datasheet HTML 6Page - Texas Instruments LM5030 Datasheet HTML 7Page - Texas Instruments LM5030 Datasheet HTML 8Page - Texas Instruments LM5030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
VIN
VCC
RT
SS
GND
VFB
COMP
CS
OUT1
OUT2
ISOLATED
FEEDBACK
LM5030
VIN
VOUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LM5030
SNVS215D – APRIL 2003 – REVISED NOVEMBER 2015
LM5030 100-V Push-Pull Current Mode PWM Controller
1 Features
3 Description
The LM5030 high-voltage PWM controller contains all
1
•
Internal High-Voltage Start-Up Regulator
of the features needed to implement push-pull and
•
Single Resistor Oscillator Setting
bridge topologies, using current-mode control in a
•
Synchronizable
small 10-pin package. This device provides two
alternating gate driver outputs. The LM5030 includes
•
Error Amplifier
a high-voltage start-up regulator that operates over a
•
Precision Reference
wide input range of 14 V to 100 V. Additional features
•
Adjustable Softstart
include: error amplifier, precision reference, dual
mode current limit, slope compensation, softstart,
•
Dual Mode Overcurrent Protection
sync capability, and thermal shutdown. This high
•
Slope Compensation
speed IC has total propagation delays less than
•
Direct Optocoupler Interface
100
ns
and
a
1-MHz
capable
single-resistor
•
1.5-A Peak Gate Drivers
adjustable oscillator.
•
Thermal Shutdown
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
VSSOP (10)
3.00 mm × 3.00 mm
•
Telecommunication Power Converters
LM5030
WSON (10)
4.00 mm × 4.00 mm
•
Industrial Power Converters
(1) For all available packages, see the orderable addendum at
•
+42-V Automotive Systems
the end of the data sheet.
Typical Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
642Kb / 12P
100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030 Datasheet
1,016Kb / 19P
100V Push-Pull Current Mode PWM Controller
LM5030 TI1-LM5030 Datasheet
1Mb / 28P
100V Push-Pull Current Mode PWM Controller
logo
National Semiconductor ...
LM5030MM NSC-LM5030MM Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
More results

Similar Description - LM5030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
Push-Pull PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
100V Push-Pull Current Mode PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
Push-Pull PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_14 Datasheet
1,016Kb / 19P
100V Push-Pull Current Mode PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
Push-Pull PWM Controller
logo
Texas Instruments
LM5030 TI-LM5030_15 Datasheet
966Kb / 28P
LM5030 100-V Push-Pull Current Mode PWM Controller
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com