Electronic Components Datasheet Search
  English  ▼

X  

LM5030 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5030
Description  LM5030 100-V Push-Pull Current Mode PWM Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5030 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5030 Datasheet HTML 2Page - Texas Instruments LM5030 Datasheet HTML 3Page - Texas Instruments LM5030 Datasheet HTML 4Page - Texas Instruments LM5030 Datasheet HTML 5Page - Texas Instruments LM5030 Datasheet HTML 6Page - Texas Instruments LM5030 Datasheet HTML 7Page - Texas Instruments LM5030 Datasheet HTML 8Page - Texas Instruments LM5030 Datasheet HTML 9Page - Texas Instruments LM5030 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LM5030
SNVS215D – APRIL 2003 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Specifications are for TJ = 25°C. Unless otherwise specified: VIN = 48 V, VCC = 10 V, and RT = 26.7 kΩ
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SOFT START AND SHUTDOWN
TJ = 25°C
10
Softstart current source
µA
full operating junction temperature range
7
13
TJ = 25°C
0.5
Softstart to COMP offset
V
full operating junction temperature range
0.25
0.75
TJ = 25°C
0.45
Shutdown threshold
V
full operating junction temperature range
0.2
0.7
OSCILLATOR
TJ = 25°C
200
Frequency1 (RT = 26.7K)
kHz
full operating junction temperature range
175
225
TJ = 25°C
600
Frequency2 (RT = 8.2K)
kHz
full operating junction temperature range
510
690
TJ = 25°C
3.2
Sync threshold
V
full operating junction temperature range
3.8
PWM COMPARATOR
COMP set to 2-V CS stepped 0 to 0.4 V, time-to-
Delay to output
30
ns
onset of OUT transition low
TJ = 25°C
49%
Inferred from
Max duty cycle
full operating junction
deadtime
47.5%
50%
temperature range
full operating junction
Min duty cycle
COMP = 0 V
0%
temperature range
COMP to PWM comparator
0.34
V / V
gain
TJ = 25°C
5.2
COMP open circuit voltage
VFB = 0 V
V
full operating junction
4.3
6.1
temperature range
TJ = 25°C
1.1
VFB = 0 V, COMP =
COMP short circuit current
mA
full operating junction
0 V
0.6
1.5
temperature range
SLOPE COMPENSATION
TJ = 25°C
105
Delta increase at
Slope comp amplitude
PWM Comparator to
mV
full operating junction
80
130
CS
temperature range
OUTPUT SECTION
TJ = 25°C
135
Cload = 0, 10% to
Deadtime
ns
full operating junction
10%
85
185
temperature range
TJ = 25°C
0.25
Iout = 50 mA, VCC –
Output high saturation
V
full operating junction
VOUT
0.75
temperature range
TJ = 25°C
0.25
Output low saturation
IOUT = 100 mA
V
full operating junction
0.75
temperature range
Rise time
Cload = 1 nF
16
ns
Fall time
Cload = 1 nF
16
ns
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LM5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com