Electronic Components Datasheet Search
  English  ▼

X  

LM5030 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5030
Description  LM5030 100-V Push-Pull Current Mode PWM Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5030 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5030 Datasheet HTML 4Page - Texas Instruments LM5030 Datasheet HTML 5Page - Texas Instruments LM5030 Datasheet HTML 6Page - Texas Instruments LM5030 Datasheet HTML 7Page - Texas Instruments LM5030 Datasheet HTML 8Page - Texas Instruments LM5030 Datasheet HTML 9Page - Texas Instruments LM5030 Datasheet HTML 10Page - Texas Instruments LM5030 Datasheet HTML 11Page - Texas Instruments LM5030 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
130
135
140
145
150
155
160
TEMPERATURE (
oC)
-50
0
50
100
150
TEMPERATURE (
oC)
-50
0
50
100
150
9.7
9.8
9.9
10.0
10.1
10.2
10.3
10.4
10.5
10.6
10.7
-50
0
50
100
150
TEMPERATURE (
oC)
199.0
199.5
200.0
200.5
201.0
201.5
202.0
202.5
203.0
100
1000
RT (K:)
1
10
100
0
2
4
6
8
10
12
14
16
VIN (V)
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10 12 14 16 18 20
0
1
2
3
4
5
6
7
8
9
10
ICC (mA)
LM5030
SNVS215D – APRIL 2003 – REVISED NOVEMBER 2015
www.ti.com
6.6 Typical Characteristics
at TJ = 25°C (unless otherwise noted)
Figure 1. VCC vs VIN
Figure 2. VCC vs ICC (VIN = 48 V)
Figure 3. Oscillator Frequency vs RT
Figure 4. Oscillator Frequency vs Temperature RT = 26.7 k
Ω
Figure 5. Softstart Current vs Temperature
Figure 6. Deadtime vs Temperature
8
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LM5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com