Electronic Components Datasheet Search
  English  ▼

X  

LM5035B Datasheet(PDF) 15 Page - Texas Instruments

Part # LM5035B
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035B Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5035B Datasheet HTML 11Page - Texas Instruments LM5035B Datasheet HTML 12Page - Texas Instruments LM5035B Datasheet HTML 13Page - Texas Instruments LM5035B Datasheet HTML 14Page - Texas Instruments LM5035B Datasheet HTML 15Page - Texas Instruments LM5035B Datasheet HTML 16Page - Texas Instruments LM5035B Datasheet HTML 17Page - Texas Instruments LM5035B Datasheet HTML 18Page - Texas Instruments LM5035B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
RFF x CFF =
TON + 10%
In 1-
2.5V
VIN
¨
©
§
-1
2.5
Ps + 0.25 Ps
In 1-
2.5V
48V
¨
©
§
-1
=
= 51.4
Ps
LM5035B
www.ti.com
SNVS613C – JULY 2009 – REVISED APRIL 2013
Soft-Stop
If the UVLO pin voltage falls below the 1.25V standby threshold but above the 0.4V shutdown threshold, the 110
µA SS pin source current is disabled and a 110 µA sink current discharges the soft-start capacitor. As SS voltage
falls and clamps the PWM comparator input, the PWM duty cycle will gradually fall to zero. The soft-stop feature
produces a gradual reduction of the power converter output voltage. This soft-stop method of turning off the
converter reduces energy in the output capacitor before control of the main and synchronous rectification
MOSFETs is disabled. The PWM pulses may cease before the SS voltage reduces the duty cycle if the VCC or
REF voltage drops below the respective under-voltage thresholds during the soft-stop process.
PWM Comparator
The pulse width modulation (PWM) comparator compares the voltage ramp signal at the RAMP pin to the loop
error signal. This comparator is optimized for speed in order to achieve minimum controllable duty cycles. The
loop error signal is received from the external feedback and isolation circuit is in the form of a control current into
the COMP pin. The COMP pin current is internally mirrored by a matched pair of NPN transistors which sink
current through a 5 k
Ω resistor connected to the 5V reference. The resulting control voltage passes through a 1V
level shift before being applied to the PWM comparator.
An opto-coupler detector can be connected between the REF pin and the COMP pin. Because the COMP pin is
controlled by a current input, the potential difference across the optocoupler detector is nearly constant. The
bandwidth limiting phase delay which is normally introduced by the significant capacitance of the opto-coupler is
thereby greatly reduced. Higher loop bandwidths can be realized since the bandwidth-limiting pole associated
with the opto-coupler is now at a much higher frequency. The PWM comparator polarity is configured such that
with no current into the COMP pin, the controller produces the maximum duty cycle at the main gate driver
outputs, HO and LO.
Feed-Forward Ramp and Volt • Second Clamp
An external resistor (RFF) and capacitor (CFF) connected to VIN, AGND, and the RAMP pin are required to create
the PWM ramp signal. The slope of the signal at RAMP will vary in proportion to the input line voltage. This
varying slope provides line feed-forward information necessary to improve line transient response with voltage
mode control. The RAMP signal is compared to the error signal by the pulse width modulator comparator to
control the duty cycle of the HO and LO outputs. With a constant error signal, the on-time (TON) varies inversely
with the input voltage (VIN) to stabilize the Volt • Second product of the transformer primary signal. The power
path gain of conventional voltage-mode pulse width modulators (oscillator generated ramp) varies directly with
input voltage. The use of a line generated ramp (input voltage feed-forward) nearly eliminates this gain variation.
As a result, the feedback loop is only required to make very small corrections for large changes in input voltage.
In addition to the PWM comparator, a Volt • Second Clamp comparator also monitors the RAMP pin. If the ramp
amplitude exceeds the 2.5V threshold of the Volt • Second Clamp comparator, the on-time is terminated. The CFF
ramp capacitor is discharged by an internal 32
Ω discharge MOSFET controlled by the V•S Clamp comparator. If
the RAMP signal does not exceed 2.5V before the end of the clock period, then the internal clock will enable the
discharge MOSFET to reset capacitor CFF.
By proper selection of RFF and CFF values, the maximum on-time of HO and LO can be set to the desired
duration. The on-time set by the Volt • Second Clamp varies inversely to the line voltage because the RAMP
capacitor is charged by a resistor (RFF) connected to VIN while the threshold of the clamp is a fixed voltage
(2.5V). An example will illustrate the use of the Volt • Second Clamp comparator to achieve a 50% duty cycle
limit at 200kHz with a 48V line input. A 50% duty cycle at a 200kHz requires a 2.5µs on-time. To achieve this
maximum on-time clamp level:
(1)
The recommended capacitor value range for CFF is 100 pF to 1000 pF. 470 pF is a standard value that can be
paired with an 110 k
Ω to approximate the desired 51.4µs time constant. If load transient response is slowed by
the 10% margin, the RFF value can be increased. The system signal-to-noise will be slightly decreased by
increasing RFF x CFF.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com