Electronic Components Datasheet Search
  English  ▼

X  

LM5035B Datasheet(PDF) 18 Page - Texas Instruments

Part # LM5035B
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035B Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5035B Datasheet HTML 14Page - Texas Instruments LM5035B Datasheet HTML 15Page - Texas Instruments LM5035B Datasheet HTML 16Page - Texas Instruments LM5035B Datasheet HTML 17Page - Texas Instruments LM5035B Datasheet HTML 18Page - Texas Instruments LM5035B Datasheet HTML 19Page - Texas Instruments LM5035B Datasheet HTML 20Page - Texas Instruments LM5035B Datasheet HTML 21Page - Texas Instruments LM5035B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
LM5035B
VPWR
50
0.1 PF
VIN
LM5035B
SNVS613C – JULY 2009 – REVISED APRIL 2013
www.ti.com
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the integrated circuit in the event the maximum rated
junction temperature is exceeded. When activated, typically at 165°C, the controller is forced into a low power
standby state with the output drivers (HO, LO, SR1 and SR2), the bias regulators (VCC and REF) disabled. This
helps to prevent catastrophic failures from accidental device overheating. During thermal shutdown, the soft-start
capacitor is fully discharged and the controller follows a normal start-up sequence after the junction temperature
falls to the operating level (145°C).
Applications Information
The following information is intended to provide guidelines for the power supply designer using the LM5035B.
VIN
The voltage applied to the VIN pin, which may be the same as the system voltage applied to the power
transformer’s primary (VPWR), can vary in the range of 13 to 105V. The current into VIN depends primarily on the
gate charge provided to the output drivers, the switching frequency, and any external loads on the VCC and REF
pins. It is recommended the filter shown in Figure 18 be used to suppress transients which may occur at the
input supply. This is particularly important when VIN is operated close to the maximum operating rating of the
LM5035B.
When power is applied to VIN and the UVLO pin voltage is greater than 0.4V, the VCC regulator is enabled and
supplies current into an external capacitor connected to the VCC pin. When the voltage on the VCC pin reaches
the regulation point of 7.6V, the voltage reference (REF) is enabled. The reference regulation set point is 5V. The
HO, LO, SR1 and SR2 outputs are enabled when the two bias regulators reach their set point and the UVLO pin
potential is greater than 1.25V. In typical applications, an auxiliary transformer winding is connected through a
diode to the VCC pin. This winding must raise the VCC voltage above 8.3V to shut off the internal start-up
regulator.
After the outputs are enabled and the external VCC supply voltage has begun supplying power to the IC, the
current into VIN drops below 1 mA. VIN should remain at a voltage equal to or above the VCC voltage to avoid
reverse current through protection diodes.
Figure 18. Input Transient Protection
FOR APPLICATIONS >100V
For applications where the system input voltage exceeds 100V or the IC power dissipation is of concern, the
LM5035B can be powered from an external start-up regulator as shown in Figure 19. In this configuration, the
VIN and the VCC pins should be connected together, which allows the LM5035B to be operated below 13V. The
voltage at the VCC pin must be greater than 8.3V yet not exceed 15V. An auxiliary winding can be used to
reduce the power dissipation in the external regulator once the power converter is active. The NPN base-emitter
reverse breakdown voltage, which can be as low as 5V for some transistors, should be considered when
selecting the transistor.
18
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com