Electronic Components Datasheet Search
  English  ▼

X  

LM5035B Datasheet(PDF) 27 Page - Texas Instruments

Part # LM5035B
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035B Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM5035B Datasheet HTML 23Page - Texas Instruments LM5035B Datasheet HTML 24Page - Texas Instruments LM5035B Datasheet HTML 25Page - Texas Instruments LM5035B Datasheet HTML 26Page - Texas Instruments LM5035B Datasheet HTML 27Page - Texas Instruments LM5035B Datasheet HTML 28Page - Texas Instruments LM5035B Datasheet HTML 29Page - Texas Instruments LM5035B Datasheet HTML 30Page - Texas Instruments LM5035B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
LM5035B
www.ti.com
SNVS613C – JULY 2009 – REVISED APRIL 2013
The two ground pins (AGND, PGND) must be connected together with a short, direct connection, to avoid jitter
due to relative ground bounce.
If the internal dissipation of the LM5035B produces high junction temperatures during normal operation, the use
of multiple vias under the IC to a ground plane can help conduct heat away from the IC. Judicious positioning of
the PC board within the end product, along with use of any available air flow (forced or natural convection) will
help reduce the junction temperatures. If using forced air cooling, avoid placing the LM5035B in the airflow
shadow of tall components, such as input capacitors.
Application Circuit Example
The following schematic shows an example of a 100W half-bridge power converter controlled by the LM5035B.
The operating input voltage range (VPWR) is 36V to 75V, and the output voltage is 3.3V. The output current
capability is 30 Amps. Current sense transformer T2 provides information to the CS pin for current limit
protection. The error amplifier and reference, U3 and U5 respectively, provide voltage feedback via opto-coupler
U4. Synchronous rectifiers Q4, Q5, Q6 and Q7 minimize rectification losses in the secondary. An auxiliary
winding on transformer T1 provides power to the LM5035B VCC pin when the output is in regulation. The input
voltage UVLO thresholds are
≊34V for increasing VPWR, and ≊32V for decreasing VPWR. The circuit can be shut
down by driving the ON/OFF input (J2) below 1.25V with an open-collector or open-drain circuit. An external
synchronizing frequency can be applied through a 100pF capacitor to the RT input (U1 pin 5). The regulator
output is current limited at
≊34A.
Table 2. Differences between LM5035, LM5035A, LM5035B, and LM5035C(1)(2)
Performance Feature:
LM5035
LM5035A
LM5035B
LM5035C
Sync Rectifier Dead-time Ratio (T1:T2)
2:1
3:1
3:1
3:1
Soft-start: Hiccup Mode Charging Current
50µA:1µA
100µA:1µA
100µA:1µA
100µA:1µA
Bootstrap (HB-HS) Under-Voltage Lockout
5V
3.9V
3.9V
3.9V
Start-up Regulator Current
20mA (min)
25mA (min)
40mA (min)
40mA (min)
SR State in UVLO Shutdown and Hiccup
High
High
Low
Low
Current Limit
HO,LO On-Time at Max Duty Cycle
0.5*T-T1–70 ns
0.5*T-T1–70 ns
0.5*T-T1
0.5*T-T1
Soft-Stop after UVLO
HO,LO
Yes
Yes
Yes
No
SR1,2
Yes
Yes
No
No
SR1, SR2 VOH (high state output)
VCC
VCC
VCC
REF (5V)
(1)
T1 = Delay from SR1, SR2 to leading edge of HO, LO
(2)
T
= Period of HO or LO
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com