Electronic Components Datasheet Search
  English  ▼

X  

LM5035B Datasheet(PDF) 17 Page - Texas Instruments

Part # LM5035B
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035B Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5035B Datasheet HTML 13Page - Texas Instruments LM5035B Datasheet HTML 14Page - Texas Instruments LM5035B Datasheet HTML 15Page - Texas Instruments LM5035B Datasheet HTML 16Page - Texas Instruments LM5035B Datasheet HTML 17Page - Texas Instruments LM5035B Datasheet HTML 18Page - Texas Instruments LM5035B Datasheet HTML 19Page - Texas Instruments LM5035B Datasheet HTML 20Page - Texas Instruments LM5035B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
HO
SR1
LO
SR2
T1
T2
T1
T2
LM5035B
www.ti.com
SNVS613C – JULY 2009 – REVISED APRIL 2013
For example, if the oscillator frequency is 200 kHz, each output will cycle at 100 kHz (TS = 10 µs). Using no
programmed delay, the maximum duty cycle at this frequency is calculated to be 50%. Using a programmed sync
rectifier delay of 100 ns, the maximum duty cycle is reduced to 49%. Because there is no fixed dead-time in the
LM5035B, it is recommended that the delay pin resistor not be less than 10K. Internal delays, which are not
ensured, are the only protection against cross conduction if the programmed delay is zero, or very small.
Figure 17. HO, LO, SR1 and SR2 Timing Diagram
Synchronous Rectifier Control Outputs (SR1 & SR2)
Synchronous rectification (SR) of the transformer secondary provides higher efficiency, especially for low output
voltage converters. The reduction of rectifier forward voltage drop (0.5V - 1.5V) to 10mV - 200mV VDS voltage for
a MOSFET significantly reduces rectification losses. In a typical application, the transformer secondary winding is
center tapped, with the output power inductor in series with the center tap. The SR MOSFETs provide the ground
path for the energized secondary winding and the inductor current. Figure 17 shows that the SR2 MOSFET is
conducting while HO enables power transfer from the primary. The SR1 MOSFET must be disabled during this
period since the secondary winding connected to the SR1 MOSFET drain is twice the voltage of the center tap.
At the conclusion of the HO pulse, the inductor current continues to flow through the SR1 MOSFET body diode.
Since the body diode causes more loss than the SR MOSFET, efficiency can be improved by minimizing the T2
period while maintaining sufficient timing margin over all conditions (component tolerances, etc.) to prevent
shoot-through current. When LO enables power transfer from the primary, the SR1 MOSFET is enabled and the
SR2 MOSFET is off.
During the time that neither HO nor LO is active, the inductor current is shared between both the SR1 and SR2
MOSFETs which effectively shorts the transformer secondary and cancels the inductance in the windings. The
SR2 MOSFET is disabled before LO delivers power to the secondary to prevent power being shunted to ground.
The SR2 MOSFET body diode continues to carry about half the inductor current until the primary power raises
the SR2 MOSFET drain voltage and reverse biases the body diode. Ideally, dead-time T1 would be set to the
minimum time that allows the SR MOSFET to turn off before the SR MOSFET body diode starts conducting.
The SR1 and SR2 outputs are powered directly by the VCC regulator. Each output is capable of sourcing and
sinking 0.5A peak. Typically, the SR1 and SR2 signals control SR MOSFET gate drivers through a pulse
transformer. The actual gate sourcing and sinking currents are provided by the secondary-side bias supply and
gate drivers.
The timing of SR1 and SR2 with respect to HO and LO is shown in Figure 17. SR1 is configured out of phase
with HO and SR2 is configured out of phase with LO. The deadtime between transitions is programmable by a
resistor connected from the DLY pin to the AGND pin. Typically, RDLY is set in the range of 10kΩ to 100kΩ. The
deadtime periods can be calculated using the following formulae:
T1 = .003 x RDLY + 4.6 ns
(4)
T2 = .0007 x RDLY + 10.01 ns
(5)
When UVLO falls below 1.25V, or during hiccup current limit, both SR1 and SR2 are held low. During normal
operation, if soft-start is held low, both SR1 and SR2 will be high.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com