Electronic Components Datasheet Search
  English  ▼

X  

LM5035B Datasheet(PDF) 26 Page - Texas Instruments

Part # LM5035B
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035B Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM5035B Datasheet HTML 22Page - Texas Instruments LM5035B Datasheet HTML 23Page - Texas Instruments LM5035B Datasheet HTML 24Page - Texas Instruments LM5035B Datasheet HTML 25Page - Texas Instruments LM5035B Datasheet HTML 26Page - Texas Instruments LM5035B Datasheet HTML 27Page - Texas Instruments LM5035B Datasheet HTML 28Page - Texas Instruments LM5035B Datasheet HTML 29Page - Texas Instruments LM5035B Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
RES
SS
LO
HO
5V
t1
Current Limit Detected
at CS
2.5V
0V
+110 PA
+1 PA
t2
t3
#1V
t3 =
CSS x 4V
110 PA
= 40 k: x CSS
t2 =
CSS x 1V
1 PA
= 1 M: x CSS
LM5035B
SNVS613C – JULY 2009 – REVISED APRIL 2013
www.ti.com
For example, if CRES = 0.01 µF the time t1 is approximately 1.14 ms.
The cool down time, t2 is set by the soft-start capacitor (CSS) and the internal 1 µA SS current source, and is
equal to:
(16)
If CSS = 0.01 µF t2 is ≊10 ms.
The soft-start time t3 is set by the internal 110 µA current source, and is equal to:
(17)
If CSS = 0.01 µF t3 is ≊363 µs.
The time t2 provides a periodic cool-down time for the power converter in the event of a sustained overload or
short circuit. This off time results in lower average input current and lower power dissipation within the power
components. It is recommended that the ratio of t2 / (t1 + t3) be in the range of 5 to 10 to take advantage of this
feature.
If the application requires no delay from the first detection of a current limit condition to the onset of the hiccup
mode (t1 = 0), the RES pin can be left open (no external capacitor). If it is desired to disable the hiccup mode
entirely, the RES pin should be connected to ground (AGND).
Figure 28. Hiccup Over-Load Restart Timing
Printed Circuit Board Layout
The LM5035B Current Sense and PWM comparators are very fast, and respond to short duration noise pulses.
The components at the CS, COMP, SS, OVP, UVLO, DLY and the RT pins should be as physically close as
possible to the IC, thereby minimizing noise pickup on the PC board tracks.
Layout considerations are critical for the current sense filter. If a current sense transformer is used, both leads of
the transformer secondary should be routed to the sense filter components and to the IC pins. The ground side
of the transformer should be connected via a dedicated PC board track to the AGND pin, rather than through the
ground plane.
If the current sense circuit employs a sense resistor in the drive transistor source, low inductance resistors
should be used. In this case, all the noise sensitive, low-current ground tracks should be connected in common
near the IC, and then a single connection made to the power ground (sense resistor ground point).
The gate drive outputs of the LM5035B should have short, direct paths to the power MOSFETs in order to
minimize inductance in the PC board traces. The SR control outputs should also have minimum routing distance
through the pulse transformers and through the secondary gate drivers to the sync FETs.
26
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com