Electronic Components Datasheet Search
  English  ▼

X  

LM5035B Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5035B
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035B Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5035B Datasheet HTML 15Page - Texas Instruments LM5035B Datasheet HTML 16Page - Texas Instruments LM5035B Datasheet HTML 17Page - Texas Instruments LM5035B Datasheet HTML 18Page - Texas Instruments LM5035B Datasheet HTML 19Page - Texas Instruments LM5035B Datasheet HTML 20Page - Texas Instruments LM5035B Datasheet HTML 21Page - Texas Instruments LM5035B Datasheet HTML 22Page - Texas Instruments LM5035B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
LM5035B
CS
LO
AGND
Power
Transformer
HO
Q2
Q1
R1
RF
CF
VPWR
VIN
Current
Sense
LM5035B
9V
VPWR
8.3V - 15V
(from aux winding)
VIN
VCC
LM5035B
www.ti.com
SNVS613C – JULY 2009 – REVISED APRIL 2013
Figure 19. Start-Up Regulator for VPWR >100V
CURRENT SENSE
The CS pin needs to receive an input signal representative of the transformer’s primary current, either from a
current sense transformer or from a resistor in series with the source of the LO switch, as shown in Figure 20
and Figure 21. In both cases, the sensed current creates a ramping voltage across R1, and the RF/CF filter
suppresses noise and transients. R1, RF and CF should be located as close to the LM5035B as possible, and the
ground connection from the current sense transformer, or R1, should be a dedicated track to the AGND pin. The
current sense components must provide greater than 0.25V at the CS pin when an over-current condition exists.
Figure 20. Current Sense Using Current Sense Transformer
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com