Electronic Components Datasheet Search
  English  ▼

X  

LM5035B Datasheet(PDF) 23 Page - Texas Instruments

Part # LM5035B
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035B Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM5035B Datasheet HTML 19Page - Texas Instruments LM5035B Datasheet HTML 20Page - Texas Instruments LM5035B Datasheet HTML 21Page - Texas Instruments LM5035B Datasheet HTML 22Page - Texas Instruments LM5035B Datasheet HTML 23Page - Texas Instruments LM5035B Datasheet HTML 24Page - Texas Instruments LM5035B Datasheet HTML 25Page - Texas Instruments LM5035B Datasheet HTML 26Page - Texas Instruments LM5035B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
R1 =
UVLOon - UVLOoff
23 PA
OVPoff = 1.25V x
R1 + R2 + R3
R3
¨
¨
©
§
UVLOoff = 1.25V x
R1 + R2 + R3
R2 + R3
¨
¨
©
§
UVLO
LM5035B
Disable Output Drivers
Disable VCC and REF Regulators
OVP
STANDBY
R2
R1
R3
5V
1.25V
0.4V
1.25V
23 PA
23 PA
VPWR
LM5035B
www.ti.com
SNVS613C – JULY 2009 – REVISED APRIL 2013
Figure 24. UVLO/OVP Divider
The impedance seen looking into the resistor divider from the UVLO and OVP pins determines the hysteresis
level. UVLO and OVP enable and disable thresholds are calculated using the equations in the table below for the
three-resistor divider illustrated in Figure 24.
Table 1. UVO/OVP Divider Formulas
Outputs disabled due to VIN falling below UVLO threshold
Outputs enabled due to VIN rising above UVLO threshold
UVLOon = UVLOoff + (23 µA x R1)
Outputs disabled due to VIN rising above OVP threshold
Outputs enabled due to VIN falling below OVP threshold
OVPon = OVPoff - [23 µA x (R1 + R2)]
The typical operating ranges of undervoltage and overvoltage thresholds are calculated from the above
equations. For example, for resistor values R1 = 86.6k
Ω, R2 = 2.10kΩ and R3 = 1.40kΩ the computed
thresholds are:
UVLO turn-off = 32.2V
UVLO turn-on = 34.2V
OVP turn-on = 78.4V
OVP turn-off = 80.5V
To maintain the threshold’s accuracy, a resistor tolerance of 1% or better is recommended.
The design process starts with the choice of the voltage difference between the UVLO enabling and disabling
thresholds. This will also approximately set the difference between OVP enabling and disabling regulation:
(11)
Next, the combined resistance of R2 and R3 is calculated by choosing the threshold for the UVLO disabling
threshold:
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com