Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 11Page - Texas Instruments LP5523 Datasheet HTML 12Page - Texas Instruments LP5523 Datasheet HTML 13Page - Texas Instruments LP5523 Datasheet HTML 14Page - Texas Instruments LP5523 Datasheet HTML 15Page - Texas Instruments LP5523 Datasheet HTML 16Page - Texas Instruments LP5523 Datasheet HTML 17Page - Texas Instruments LP5523 Datasheet HTML 18Page - Texas Instruments LP5523 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
0,0
64,0
128,0
192,0
256,0
DIMMING CONTROL (DEC)
100,0
80,0
60,0
40,0
20,0
0,0
0
64
128
192
256
100
80
60
40
20
0
8-BIT CURRENT
SETTING
0 mA TO 25.5 mA
12-BIT PWM
PATTERN
CONTROL
0% TO 100 %
TIME
PWM FREQUENCY = 312 Hz
15
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.6 LED Driver Operational Description
7.3.6.1 Overview
The LP5523 LED drivers are constant-current sources. Output current can be programmed by control registers
up to 25.5 mA. The overall maximum current is set by 8-bit output current control registers with 100-μA step size.
Each of the 9 LED drivers has a separate output-current control register.
The LED luminance pattern (dimming) is controlled with PWM (pulse width modulation) technique, which has
internal resolution of 12 bits (8-bit control can be seen by user). PWM frequency is 312 Hz. See Figure 16.
Figure 16. LED Pattern and Current Control Principle
LED dimming is controlled according to a logarithmic or linear scale, see Figure 17. A logarithmic or linear
scheme can be set for both the program execution engine control and direct PWM control. Note: if the
temperature compensation is active, the maximum PWM duty cycle is limited to 50% at 25°C. This is required to
allow enough headroom for temperature compensation over the whole temperature range
−40°C to +90°C.
Figure 17. Logarithmic vs Linear Dimming
7.3.6.2 Powering LEDs
The LP5523 is very suitable for white LED and general purpose applications, and it is particularly well suited to
use with RGB LEDs. The device architecture is optimized for use with three RGB LEDs. Typically, the red LEDs
have forward voltages below 2 volts, thus red LEDs can be powered directly from VDD. In the LP5523 device the
D7, D8, and D9 drivers are powered from the battery voltage (VDD), not from the charge-pump output. D1 to D6
drivers are internally connected to the charge-pump output, and these outputs can be used for driving green and
blue (VF = 2.7 V to 3.7 V typical) or white LEDs. Of course, D7, D8, and D9 outputs can be used for green, blue
or white LEDs if the VDD voltage is high enough.
An RGB LED configuration example is given in Typical Applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com