Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 50 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 50 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 46Page - Texas Instruments LP5523 Datasheet HTML 47Page - Texas Instruments LP5523 Datasheet HTML 48Page - Texas Instruments LP5523 Datasheet HTML 49Page - Texas Instruments LP5523 Datasheet HTML 50Page - Texas Instruments LP5523 Datasheet HTML 51Page - Texas Instruments LP5523 Datasheet HTML 52Page - Texas Instruments LP5523 Datasheet HTML 53Page - Texas Instruments LP5523 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
LP5523
D1
D2
D3
D4
D5
D7
D8
D6
D9
VOUT
COUT1
1 PF
C2
0.47 PF
ASEL0
ASEL1
GND
MCU
SCL
SDA
CLK
TRIG
INT
CIN1
1 PF
VIN = 2.7V TO 5.5V
VDD
C1
0.47 PF
C1+ C1- C2+ C2-
GPO
R1
R
B
G
R
B
G
G
LP5523
D1
D2
D3
D4
D5
D7
D8
D6
D9
VOUT
COUT2
1 PF
C4
0.47 PF
CIN2
1 PF
VDD
C3
0.47 PF
C1+ C1- C2+ C2-
GPO
R
B
G
R
B
G
R
B
G
VIN
VIO
R2
R3
R4
EN
SCL
SDA
CLK
TRIG
INT
EN
ASEL0
ASEL1
GND
VIO
R
B
G
50
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Typical Applications (continued)
Figure 26. Typical Application Circuits
8.2.1.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.7 V to 5.5 V
LED VF (maximum)
3.6 V
LED current
25.5 mA maximum
Input capacitor
CIN1 = CIN2 = 1 μF
Output capacitor
COUT1 = COUT2 = 1 μF
Charge pump fly capacitors
C1 = C2 = C3 = C4 = 0.47 μF
Charge pump mode
1.5× or automatic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com