Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 51 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 51 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 47Page - Texas Instruments LP5523 Datasheet HTML 48Page - Texas Instruments LP5523 Datasheet HTML 49Page - Texas Instruments LP5523 Datasheet HTML 50Page - Texas Instruments LP5523 Datasheet HTML 51Page - Texas Instruments LP5523 Datasheet HTML 52Page - Texas Instruments LP5523 Datasheet HTML 53Page - Texas Instruments LP5523 Datasheet HTML 54Page - Texas Instruments LP5523 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
51
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Recommended External Components
The LP5523 requires 4 external capacitors for proper operation. Surface-mount multi-layer ceramic capacitors
are recommended. Tantalum and aluminium capacitors are not recommended because of their high ESR. For
the flying capacitors (C1 and C2) always use multi-layer ceramic capacitors. These capacitors are small,
inexpensive, and have very low equivalent series resistance (ESR < 20 m
Ω typical). Ceramic capacitors with
X7R or X5R temperature characteristic are preferred for use with the LP5523. These capacitors have tight
capacitance tolerance (as good as ±10%) and hold their value over temperature (X7R: ±15% over
−55°C to
+125°C; X5R: ±15% over
−55°C to +85°C). Capacitors with Y5V or Z5U temperature characteristic are generally
not recommended for use with the LP5523. Capacitors with these temperature characteristics typically have wide
capacitance tolerance (+80%,
−20%) and vary significantly over temperature (Y5V: +22%, −82% over −30°C to
+85°C range; Z5U: +22%,
−56% over 10°C to 85°C range). Under some conditions, a nominal 1 μF Y5V or Z5U
capacitor could have a capacitance of only 0.1 μF. Such detrimental deviation is likely to cause Y5V and Z5U
capacitors to fail to meet the minimum capacitance requirements of the LP5523.
For proper operation it is necessary to have at least 0.24 µF of effective capacitance for each of the flying
capacitors under all operating conditions. The output capacitor COUT directly affects the magnitude of the output
ripple voltage. In general, the higher the value of COUT, the lower the output ripples magnitude. For proper
operation TI recommends having at least 0.50 µF of effective capacitance for CIN and COUT under all operating
conditions. The voltage rating of all four capacitors must be 6.3 V; 10 V is recommended.
Table 8 lists recommended external components from some leading ceramic capacitor manufacturers. It is
strongly recommended that the LP5523 circuit be thoroughly evaluated early in the design-in process with the
mass-production capacitors of choice. This helps ensure that any variability in capacitance does not negatively
impact circuit performance.
Table 8. Recommended External Components
MODEL
TYPE
VENDOR
VOLTAGE RATING
PACKAGE SIZE
1 µF for COUT and CIN
C1005X5R1A105K
Ceramic X5R
TDK
10V
0402
LMK105BJ105KV-F
Ceramic X5R
Taiyo Yuden
10V
0402
ECJ0EB1A105M
Ceramic X5R
Panasonic
10V
0402
ECJUVBPA105M
Ceramic X5R, array
of two
Panasonic
10V
0504
470 nF for C1 and C2
C1005X5R1A474K
Ceramic X5R
TDK
10V
0402
LMK105BJ474KV-F
Ceramic X5R
Taiyo Yuden
10V
0402
ECJ0EB0J474K
Ceramic X5R
Panasonic
6.3V
0402
LEDs
User defined. Note that D7, D8 and D9 outputs are powered from VDD when
specifying the LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com